Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 17Page - Texas Instruments OPA328DBVR Datasheet HTML 18Page - Texas Instruments OPA328DBVR Datasheet HTML 19Page - Texas Instruments OPA328DBVR Datasheet HTML 20Page - Texas Instruments OPA328DBVR Datasheet HTML 21Page - Texas Instruments OPA328DBVR Datasheet HTML 22Page - Texas Instruments OPA328DBVR Datasheet HTML 23Page - Texas Instruments OPA328DBVR Datasheet HTML 24Page - Texas Instruments OPA328DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.3 Power Supply Recommendations
The OPAx328 are specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V); many specifications apply
from –40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in Section 5.7.
CAUTION
Supply voltages greater than 6 V can permanently damage the device; see Section 5.1.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, see Section 7.4.
7.4 Layout
7.4.1 Layout Guidelines
The OPA328 is a wideband amplifier. To realize the full operational performance of this device, use good,
high-frequency PCB layout practices. Connect the bypass capacitors between each supply pin and ground, as
close to the device as possible. Design the bypass capacitor traces for minimum inductance.
7.4.2 Layout Example
OUT A
-IN A
+IN A
V–
OUT B
-IN B
+IN B
V+
VS–
GND
Ground (GND) plane on another layer
Keep input traces short
and run the input traces
as far away from
the supply lines
as possible.
Place components
close to device and to
each other to reduce
parasitic errors.
Use low-ESR,
ceramic bypass
capacitor. Place as
close to the device
as possible.
VIN A
GND
RF
RG
VIN B
GND
RF
RG
VS+
GND
VOUT A
VOUT B
(Schematic Representation)
+
VIN B
VOUT B
RG
RF
+
VIN A
VOUT A
RG
RF
Use low-ESR,
ceramic bypass
capacitor. Place as
close to the device
as possible.
Figure 7-6. Operational Amplifier Board Layout for Noninverting Configuration
www.ti.com
OPA328, OPA2328
SBOS957D – FEBRUARY 2022 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com