Electronic Components Datasheet Search
  English  ▼

X  

SW2658A Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2658A
Description  Green energy-saving current mode PWM switching power supply controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2658A Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2658A Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 8Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 9Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SW2658A
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 1 页 共 9 页
SW2658A-CN-02
绿色节能电流模式 PWM 开关电源控制器
概述
SW2658A集成了专门的电流模式PWM控制器和高压功率MOSFET,适用于24W以内的高性能、低待机功耗、
低成本的离线式反激开关电源中。
电路具有软启动的功能。为了保证芯片正常工作,特针对各种故障设计了一系列完善的具有可恢复功
能的保护措施,包括VDD欠压锁定保护(UVLO)、过压保护(OVP)及箝位、逐周期电流限制(OCP)、过载保护(OLP)
和图腾柱输出驱动高箝位等。芯片内置的频率抖动和图腾柱栅极软驱动技术可容易地获得良好的EMI性能.
特点
内置软启动:4ms
优化的H iccup Mode设计,以提高效率和降低待机功耗
正常工作时无音频噪声设计
固定工作频率:50KHz
内置斜坡补偿电路
低的启动和工作电流
内置前沿消隐电路
无输出功耗小于0.15W
欠压锁定保护,过载保护(OLP)、过压保护
保护解除后自动恢复功能
应用
引脚图
适配器
数码相机、摄像机适配器
VCR,SVR,DVD&DVCD播放器电源
机顶盒电源
开放式开关电源
个人电脑、服务器辅助电源


Similar Part No. - SW2658A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW26000 SUNNYWAY-SW26000 Datasheet
417Kb / 1P
Telecom & Industry stationary battery
SW26000E SUNNYWAY-SW26000E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW26000E SUNNYWAY-SW26000E_17 Datasheet
482Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW26000 SUNNYWAY-SW26000_1 Datasheet
354Kb / 1P
Telecom & Industry stationary battery
SW26000 SUNNYWAY-SW26000_17 Datasheet
523Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW2658A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
Shenzhen Winsemi Microe...
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
Switching Mode Power Supply PWM Controller
logo
Unisonic Technologies
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com