Electronic Components Datasheet Search
  English  ▼

X  

STR750FXX Datasheet(PDF) 74 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 70Page - STMicroelectronics STR750FXX Datasheet HTML 71Page - STMicroelectronics STR750FXX Datasheet HTML 72Page - STMicroelectronics STR750FXX Datasheet HTML 73Page - STMicroelectronics STR750FXX Datasheet HTML 74Page - STMicroelectronics STR750FXX Datasheet HTML 75Page - STMicroelectronics STR750FXX Datasheet HTML 76Page - STMicroelectronics STR750FXX Datasheet HTML 77Page - STMicroelectronics STR750FXX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
Electrical parameters
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
74/81
General PCB Design Guidelines
To obtain best results, some general design and layout rules should be followed when
designing the application PCB to shield the noise-sensitive, analog physical interface from
noise-generating CMOS logic signals.
●
Use separate digital and analog planes. The analog ground plane should be connected
to the digital ground plane via a single point on the PCB.
●
Filter power to the analog power planes. It is recommended to connect capacitors, with
good high frequency characteristics, between the power and ground lines, placing
0.1 µF and optionally, if needed 10 pF capacitors as close as possible to the STR7
power supply pins and a 1 to 10 µF capacitor close to the power source (see
Figure 43).
●
The analog and digital power supplies should be connected in a star network. Do not
use a resistor, as VDDA_ADC is used as a reference voltage by the A/D converter and
any resistance would cause a voltage drop and a loss of accuracy.
●
Properly place components and route the signal traces on the PCB to shield the analog
inputs. Analog signals paths should run over the analog ground plane and be as short
as possible. Isolate analog signals from digital signals that may switch while the analog
inputs are being sampled by the A/D converter. Do not toggle digital outputs near the
A/D input being converted.
Software Filtering of Spurious Conversion Results
For EMC performance reasons, it is recommended to filter A/D conversion outliers using
software filtering techniques.
Figure 43.
Power supply filtering
VSS
VDD_IO
0.1
µF
VDD
STR75XX
VDDA_ADC
VSSA_ADC
POWER
SUPPLY
SOURCE
STR7
DIGITAL NOISE
FILTERING
EXTERNAL
NOISE
FILTERING
1 to 10
µF
0.1
µF
(3.3V or 5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com