Electronic Components Datasheet Search
  English  ▼

X  

STR750FXX Datasheet(PDF) 50 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 46Page - STMicroelectronics STR750FXX Datasheet HTML 47Page - STMicroelectronics STR750FXX Datasheet HTML 48Page - STMicroelectronics STR750FXX Datasheet HTML 49Page - STMicroelectronics STR750FXX Datasheet HTML 50Page - STMicroelectronics STR750FXX Datasheet HTML 51Page - STMicroelectronics STR750FXX Datasheet HTML 52Page - STMicroelectronics STR750FXX Datasheet HTML 53Page - STMicroelectronics STR750FXX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
Electrical parameters
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
50/81
5.3.6
Memory characteristics
Flash memory
Subject to general operating conditions for VDD_IO and V18, TA = -40 to 105 °C unless
otherwise specified.
Table 26.
Flash memory characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Typ
Max(1)
1.
Data based on characterisation not tested in production
tPW
Word Program
35
µs
tPDW
Double Word Program
60
µs
tPB0
Bank 0 Program (256K)
Single Word programming of
a checker-board pattern
24.9(2)
2.
10K program/erase cycles.
s
tPB1
Bank 1 Program (16K)
Single Word programming of
a checker-board pattern
125
224(2)
ms
tES
Sector Erase (64K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
1.54
1.176
2.94(2)
2.38(2)
s
tES
Sector Erase (8K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
392
343
560(2)
532(2)
ms
tES
Bank 0 Erase (256K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
8.0
6.6
13.7
11.2
s
tES
Bank 1 Erase (16K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
0.9
0.8
1.5
1.3
s
tRPD
Recovery when disabled
20
µs
tPSL
Program Suspend Latency
10
µs
tESL
Erase Suspend Latency
300
µs
Table 27.
Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Data based on characterisation not tested in production.
Typ
Max
NEND_B0 Endurance (Bank 0 sectors)
10
kcycles
NEND_B1 Endurance (Bank 1 sectors)
100
kcycles
YRET
Data Retention
TA=85° C
20
Years
tESR
Erase Suspend Rate
Min time from Erase
Resume to next Erase
Suspend
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com