Electronic Components Datasheet Search
  English  ▼

X  

MAX3232ECAE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3232ECAE
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3232ECAE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3232ECAE Datasheet HTML 1Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 2Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 3Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 4Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 5Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 6Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 7Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 8Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 3, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ + |V-| (Note 1).................................................................+13V
Input Voltages
T_IN, EN, SHDN, MBAUD to GND ........................-0.3V to +6V
R_IN to GND .....................................................................±25V
Output Voltages
T_OUT to GND...............................................................±13.2V
R_OUT, R_OUTB (MAX3241E)................-0.3V to (VCC + 0.3V)
Short-Circuit Duration, T_OUT to GND.......................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C) ..........571mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) .......754.7mW
16-Pin TQFN (derate 20.8mW/°C above +70°C) .....1666.7mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) .....762mW
18-Pin Wide SO (derate 9.52mW/°C above +70°C) .....762mW
18-Pin PDIP (derate 11.11mW/°C above +70°C)..........889mW
20-Pin TQFN (derate 21.3mW/°C above +70°C) ........1702mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) ........879mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
28-Pin SSOP (derate 9.52mW/°C above +70°C) ..........762mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) .............1W
28-Pin TSSOP (derate 12.8mW/°C above +70°C) ......1026mW
32-Lead Thin QFN (derate 33.3mW/°C above +70°C)..2666mW
6 x 6 UCSP (derate 12.6mW/°C above +70°C) .............1010mW
Operating Temperature Ranges
MAX32_ _EC_ _ ...................................................0°C to +70°C
MAX32_ _EE_ _.................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Reflow Temperature (Note 2)
Infrared, 15s..................................................................+200°C
Vapor Phase, 20s..........................................................+215°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not allowed.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS (VCC = +3.3V or +5V, TA = +25°C)
MAX3222E, MAX3232E,
MAX3241E, MAX3246E
0.3
1
Supply Current
SHDN = VCC, no load
MAX3237E
0.5
2.0
mA
SHDN = GND
1
10
µA
Shutdown Supply Current
SHDN = R_IN = GND, T_IN = GND or VCC (MAX3237E)
10
300
nA
LOGIC INPUTS
Input Logic Low
T_IN, EN, SHDN, MBAUD
0.8
V
VCC = +3.3V
2.0
Input Logic High
T_IN, EN, SHDN, MBAUD
VCC = +5.0V
2.4
V
Transmitter Input Hysteresis
0.5
V
T_IN, EN, SHDN
MAX3222E, MAX3232E,
MAX3241E, MAX3246E
±0.01
±1
Input Leakage Current
T_IN, SHDN, MBAUD
MAX3237E (Note 5)
9
18
µA
RECEIVER OUTPUTS
Output Leakage Current
R_OUT (MAX3222E/MAX3237E/MAX3241E/
MAX3246E), EN = VCC, receivers disabled
±0.05
±10
µA
Output-Voltage Low
IOUT = 1.6mA (MAX3222E/MAX3232E/MAX3241E/
MAX3246E), IOUT = 1.0mA (MAX3237E)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com