Electronic Components Datasheet Search
  English  ▼

X  

MAX3232ECAE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3232ECAE
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3232ECAE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3232ECAE Datasheet HTML 1Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 2Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 3Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 4Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 5Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 6Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 7Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 8Page - Maxim Integrated Products MAX3232ECAE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Voltage High
IOUT = -1.0mA
VCC -
0.6
VCC -
0.1
V
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
VCC = +3.3V
0.6
1.1
Input Threshold Low
TA = +25°C
VCC = +5.0V
0.8
1.5
V
VCC = +3.3V
1.5
2.4
Input Threshold High
TA = +25°C
VCC = +5.0V
2.0
2.4
V
Input Hysteresis
0.5
V
Input Resistance
TA = +25°C
3
5
7
k
Ω
TRANSMITTER OUTPUTS
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to ground
(Note 6)
±5
±5.4
V
Output Resistance
VCC = 0, transmitter output = ±2V
300
50k
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
VCC = 0 or +3.0V to +5.5V, VOUT = ±12V, transmitters
disabled (MAX3222E/MAX3232E/MAX3241E/MAX3246E)
±25
µA
MOUSE DRIVABILITY (MAX3241E)
Transmitter Output Voltage
T1IN = T2IN = GND, T3IN = VCC, T3OUT loaded with
3k
Ω to GND, T1OUT and T2OUT loaded with 2.5mA
each
±5
V
ESD PROTECTION
Human Body Model
±15
IEC 1000-4-2 Air-Gap Discharge (except MAX3237E)
±15
IEC 1000-4-2 Contact Discharge (except MAX3237E)
±8
R_IN, T_OUT
IEC 1000-4-2 Contact Discharge (MAX3246E only)
±9
kV
Human Body Model
±15
IEC1000-4-2 Air-Gap Discharge
±15
T_IN, R_IN, R_OUT, EN, SHDN,
MBAUD
MAX3237E
IEC1000-4-2 Contact Discharge
±8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com