Electronic Components Datasheet Search
  English  ▼

X  

MAX3241ECAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3241ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3241ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
7
*These pins have an active positive feedback resistor internal to the MAX3237E, allowing unused inputs to be left unconnected.
Pin Description
PIN
MAX3222E
MAX3232E
MAX3241E
SO/DIP
TSSOP/
SSOP
SO/DIP/
SSOP
TSSOP
MAX3237E
SSOP/SO
QFN
MAX3246E
NAME
FUNCTION
11
——
13*
23
22
B3
EN
Receiver Enable. Active low.
2
2
1
2
28
28
28
F3
C1+
Positive Terminal of Voltage-
Doubler Charge-Pump
Capacitor
3
3
2
3
27
27
27
F1
V+
+5.5V Generated by the
Charge Pump
4
4
3
4
25
24
23
F4
C1-
Negative Terminal of Voltage-
Doubler Charge-Pump
Capacitor
5
5
4
5
1
1
29
E1
C2+
Positive Terminal of Inverting
Charge-Pump Capacitor
6
6
5
6
3
2
30
D1
C2-
Negative Terminal of Inverting
Charge-Pump Capacitor
7
7
6
7
4
3
31
C1
V-
-5.5V Generated by the
Charge Pump
8, 15
8, 17
7, 14
8, 17
5, 6, 7,
10, 12
9, 10,
11
6, 7,
8
F6, E6, D6
T_OUT
RS-232 Transmitter Outputs
9, 14
9, 16
8, 13
9, 16
8, 9, 11
4–81–5
A4, A5,
A6, B6, C6
R_IN
RS-232 Receiver Inputs
10, 13
10, 15
9, 12
12, 15
18, 20,
21
15–19
13, 14,
15, 17,
18
C2, B1,
A1, A2, A3
R_OUT
TTL/CMOS Receiver Outputs
11, 12
12, 13
10, 11
13, 14
17*, 19*,
22*, 23*,
24*
12, 13,
14
10, 11,
12
E3, E2, D2
T_IN
TTL/CMOS Transmitter Inputs
16
18
15
18
2
25
24
F5
GND
Ground
17
19
16
19
26
26
26
F2
VCC
+3.0V to +5.5V Supply Voltage
18
20
——
14*
22
21
B2
SHDN
Shutdown Control. Active low.
—
11, 14
—
1, 10, 11,
20
——
9, 16,
25, 32
C3, D3, B4,
C4, D4, E4,
B5, C5, D5,
E5
N.C.
No Connection. For
MAX3246E, these locations
are not populated with solder
bumps.
——
—
—
15*
——
—
MBAUD
MegaBaud Control Input.
Connect to GND for normal
operation; connect to VCC for
1Mbps transmission rates.
——
—
—
16
20, 21
19, 20
—
R_OUTB
Noninverting Complementary
Receiver Outputs. Always
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com