Electronic Components Datasheet Search
  English  ▼

X  

MAX3241ECAI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3241ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECAI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3241ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 17Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 18Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 19Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 20Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 21Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
18
______________________________________________________________________________________
__________________________________________________Typical Operating Circuits
R2OUT
10
1
R1OUT
13
R2IN
9
18
GND
16
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
11
T1IN
12
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 14
T2OUT 8
T1OUT 15
V-
7
V+
3
VCC
17
C1
0.1
µF
C2
0.1
µF
CBYPASS
+3.3V
RS-232
INPUTS
TTL/CMOS
OUTPUTS
5k
Ω
5k
Ω
EN
SHDN
C3
*
0.1
µF
C4
0.1
µF
NOTE: PIN NUMBERS REFER TO SO/DIP PACKAGES.
MAX3222E PINOUT REFERS TO SO/DIP PACKAGES.
MAX3232E PINOUT REFERS TO TSSOP/SSOP/SO/DIP/ PACKAGES
*C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
R2OUT
9
R1OUT
12
R2IN
8
GND
15
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
10
T1IN
11
C2-
5
C2+
4
C1-
3
C1+
1
R1IN 13
T2OUT 7
T1OUT 14
V-
6
V+
2
VCC
C4
0.1
µF
16
C1
0.1
µF
C2
0.1
µF
CBYPASS
+3.3V
RS-232
INPUTS
TTL/CMOS
OUTPUTS
C3
*
0.1
µF
5k
Ω
5k
Ω
SEE TABLE 2 FOR CAPACITOR SELECTION.
MAX3222E
MAX3232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com