Electronic Components Datasheet Search
  English  ▼

X  

MAX3241ECAI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3241ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECAI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3241ECAI Datasheet HTML 17Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 18Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 19Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 20Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 21Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 22Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 23Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 24Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
______________________________________________________________________________________
21
Selector Guide
PART
NO. OF
DRIVERS/
RECEIVERS
LOW-POWER
SHUTDOWN
GUARANTEED
DATA RATE
(bps)
MAX3222E
2/2
✔
250k
MAX3232E
2/2
—
250k
MAX3237E
(Normal)
5/3
✔
250k
MAX3237E
(MegaBaud)
5/3
✔
1M
MAX3241E
3/5
✔
250k
MAX3246E
3/5
✔
250k
___________________ Chip Information
TRANSISTOR COUNT:
MAX3222E/MAX3232E: 1129
MAX3237E: 2110
MAX3241E: 1335
MAX3246E: 842
PROCESS: BICMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX3232ECTE
0°C to +70°C
16 Thin QFN-
EP** (5mm x
5mm)
T1655-2
MAX3232ECUE
0°C to +70°C
16 TSSOP
—
MAX3232ECUP
0°C to +70°C
20 TSSOP
—
MAX3232EEAE
-40°C to +85°C
16 SSOP
—
MAX3232EEWE
-40°C to +85°C
16 Wide SO
—
MAX3232EEPE
-40°C to +85°C
16 Plastic DIP
—
MAX3232EETE
-40°C to +85°C
16 Thin QFN-
EP** (5mm x
5mm)
T1655-2
MAX3232EEUE
-40°C to +85°C
16 TSSOP
—
MAX3232EEUP
-40°C to +85°C
20 TSSOP
—
MAX3237ECAI
0°C to +70°C
28 SSOP
—
MAX3237EEAI
-40°C to +85°C
28 SSOP
—
MAX3241ECAI
0°C to +70°C
28 SSOP
—
MAX3241ECWI
0°C to +70°C
28 Wide SO
—
MAX3241ECUI
0°C to +70°C
28 TSSOP
—
MAX3241ECTJ
0°C to +70°C
32 Thin QFN
—
MAX3241EEAI
-40°C to +85°C
28 SSOP
—
MAX3241EEWI
-40°C to +85°C
28 Wide SO
—
MAX3241EEUI
-40°C to +85°C
28 TSSOP
—
MAX3246ECBX-T
0°C to +70°C
6 x 6 UCSP
†
—
MAX3246EEBX-T -40°C to +85°C
6 x 6 UCSP
†
—
†Requires solder temperature profile described in the Absolute
Maximum Ratings section. UCSP Reliability is integrally linked
to the user’s assembly methods, circuit board material, and
environment. Refer to the UCSP Reliability Notice in the UCSP
Reliability section of this datasheet for more information.
**EP = Exposed paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com