Electronic Components Datasheet Search
  English  ▼

X  

MAX3241ECTJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3241ECTJ
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECTJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3241ECTJ Datasheet HTML 3Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 4Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 5Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 6Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 7Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 8Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 9Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 10Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
7
*These pins have an active positive feedback resistor internal to the MAX3237E, allowing unused inputs to be left unconnected.
Pin Description
PIN
MAX3222E
MAX3232E
MAX3241E
TQFN
SO/
DIP
TSSOP/
SSOP
TQFN
SO/DIP/
SSOP/
16-PIN
TSSOP
20-PIN
TSSOP
MAX3237E
SSOP/
SO
QFN
MAX3246E
NAME
FUNCTION
19
1
1—
—
—
13*
23
22
B3
EN
Receiver Enable. Active
low.
1
2
2
16
12
28
28
28
F3
C1+
Positive Terminal of
Voltage-Doubler Charge-
Pump Capacitor
20
3
3
15
23
27
27
27
F1
V+
+5.5V Generated by the
Charge Pump
2
4
41
3
4
25
24
23
F4
C1-
Negative Terminal of
Voltage-Doubler Charge-
Pump Capacitor
3
5
52
4
5
1
1
29
E1
C2+
Positive Terminal of
Inverting Charge-Pump
Capacitor
4
6
63
5
6
3
2
30
D1
C2-
Negative Terminal of
Inverting Charge-Pump
Capacitor
5
7
74
6
7
4
3
31
C1
V-
-5.5V Generated by the
Charge Pump
6, 15
8,
15
8, 17
5,
12
7, 14
8, 17
5, 6, 7,
10, 12
9,
10,
11
6,
7,
8
F6, E6,
D6
T_OUT
RS-232 Transmitter
Outputs
7, 14
9,
14
9, 16
6,
11
8, 13
9, 16
8, 9, 11
4–8
1–5
A4, A5,
A6, B6,
C6
R_IN
RS-232 Receiver Inputs
8, 13
10,
13
10, 15
7,
10
9, 12
12,
15
18, 20,
21
15–19
13,
14,
15,
17, 18
C2, B1,
A1, A2,
A3
R_OUT
TTL/CMOS Receiver
Outputs
10, 11
11,
12
12, 13
8, 9
10, 11
13,
14
17*, 19*,
22*, 23*,
24*
12,
13,
14
10,
11,
12
E3, E2,
D2
T_IN
TTL/CMOS Transmitter
Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com