Electronic Components Datasheet Search
  English  ▼

X  

MAX3241ECTJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3241ECTJ
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECTJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3241ECTJ Datasheet HTML 1Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 2Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 3Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 4Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 5Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 6Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 7Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 8Page - Maxim Integrated Products MAX3241ECTJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS—MAX3237E
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Note 3: MAX3222E/MAX3232E/MAX3241E: C1–C4 = 0.1µF tested at +3.3V ±10%; C1 = 0.047µF, C2, C3, C4 = 0.33µF tested at +5.0V
±10%. MAX3237E: C1–C4 = 0.1µF tested at +3.3V ±5%, C1–C4 = 0.22µF tested at +3.3V ±10%; C1 = 0.047µF, C2, C3, C4 =
0.33µF tested at +5.0V ±10%. MAX3246E; C1-C4 = 0.22µF tested at +3.3V ±10%; C1 = 0.22µF, C2, C3, C4 = 0.54µF tested at
5.0V ±10%.
Note 4: MAX3246E devices are production tested at +25°C. All limits are guaranteed by design over the operating temperature range.
Note 5: The MAX3237E logic inputs have an active positive feedback resistor. The input current goes to zero when the inputs are at
the supply rails.
Note 6: MAX3241EEUI is specified at TA = +25°C.
Note 7: Transmitter skew is measured at the transmitter zero crosspoints.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 3k
Ω, CL = 1000pF, one transmitter switching,
MBAUD = GND
250
VCC = +3.0V to +4.5V, RL = 3k
Ω, CL = 250pF,
one transmitter switching, MBAUD = VCC
1000
Maximum Data Rate
VCC = +4.5V to +5.5V, RL = 3k
Ω, CL = 1000pF,
one transmitter switching, MBAUD = VCC
1000
kbps
tPHL
0.15
Receiver Propagation Delay
R_IN to R_OUT, CL = 150pF
tPLH
0.15
µs
Receiver Output Enable Time
Normal operation
2.6
µs
Receiver Output Disable Time
Normal operation
2.4
µs
| tPHL - tPLH |, MBAUD = GND
Transmitter Skew (Note 7)
| tPHL - tPLH |, MBAUD = VCC
100
ns
Receiver Skew
| tPHL - tPLH |
50
ns
MBAUD = GND
6
30
CL = 150pF
to 1000pF
MBAUD = VCC
24
150
VCC = +3.3V,
RL = 3k
Ω to 7kΩ,
+3.0V to -3.0V or
-3.0V to +3.0V,
TA = +25°C
CL = 150pF to 2500pF,
MBAUD = GND
430
V/µs
Transition-Region Slew Rate
TIMING CHARACTERISTICS—MAX3222E/MAX3232E/MAX3241E/MAX3246E
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = TMIN to TMAX
(MAX3222E/MAX3232E/
MAX3241E) (Note 6)
250
Maximum Data Rate
RL = 3k
Ω,
CL = 1000pF,
one transmitter
switching
TA = +25°C (MAX3246E)
250
kbps
tPHL
0.15
Receiver Propagation Delay
tPLH
Receiver input to receiver output,
CL = 150pF
0.15
µs
Receiver Output Enable Time
Normal operation (except MAX3232E)
200
ns
Receiver Output Disable Time
Normal operation (except MAX3232E)
200
ns
Transmitter Skew
|tPHL - tPLH|
(Note 7)
100
ns
Receiver Skew
|tPHL - tPLH|50
ns
Transition-Region Slew Rate
VCC = +3.3V, TA = +25°C,
RL = 3k
Ω to 7kΩ, measured
from +3.0V to -3.0V or -3.0V to
+3.0V, one transmitter switching
CL = 150pF
to 1000pF
630
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com