Electronic Components Datasheet Search
  English  ▼

X  

ROM1490X Datasheet(PDF) 6 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 6 Page - Rakon Limited

Back Button ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited ROM1490X Datasheet HTML 10Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
6 of 10
Contact Us
e. Application note
Follow the instructions in the Mercury series oscillator application note for optimum
performance
11.0
Environmental Specification8
Parameter
Test Condition / Description
a. RoHS
Parts are fully compliant with the European Union directives 2011/65/EU and 2015/863/EU
(amending annex II to directive 2011/65/EU) on the restriction of the use of certain hazardous
substances in electrical and electronic equipment
b. Solderability
IPC/ECA J-STD-002, method 2, precondition 150°C, 16 hours
c. Moisture resistance
JESD22-A113I, MSL = 1
d. Latch up
EIA/JESD78, tested at room temperature and maximum ambient operating temperature
e. Electrostatic discharge (ESD)
Human Body Model (HBM), JEDEC JS-001-2012, ≥ 2000V
Charged Device Model (CDM), JESD22-C101, ≥ 1000V
Machine Model (MM), JESD22-A115, ≥ 200V
f. Low temperature storage
JESD22-A119, 1000 hours at -55°C, unbiased
g. Thermal shock
JESD22-A104 / MIL-STD-883, method 1010, 15 cycles from -55°C to 125°C
h. Temperature cycling
JESD22-A104 / MIL-STD-883, method 1010, 1000 cycles, -55°C to +125°C, non-operating, 15-
minute soak
i. High temperature operating life
JESD22-A108, ≥ 2000 hours at 125°C & max. Vcc
j. Cold power cycling
Rakon standard, -40°C, 12 minutes OFF, 4 minutes ON, 1000 cycles
k. Frequency ageing
MIL-PRF-55310, 1008 hours
l. Mechanical shock
MIL-STD-202 (method 213), 1500g, 0.5ms duration, 18 shocks total
m. Vibration
JESD22-B103 (section 4.2.2), test Fc: 20g, 20 to 2000Hz, 4-minute sweep, 4 sweeps x 3 axes
8
For all relevant tests the units are pre-conditioned as per JESD22-A113 (5 temperature cycles -40°C to +60°C + bake for 24 hours at T = +125°C + moisture
soak for 168 hours at +85°C / 85% RH + 3x reflow at TMAX = +245°C).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com