Electronic Components Datasheet Search
  English  ▼

X  

ROM1490X Datasheet(PDF) 5 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 5 Page - Rakon Limited

  ROM1490X Datasheet HTML 1Page - Rakon Limited ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
5 of 10
Contact Us
u. Rise and fall time
1
2
ns
10% to 90% level
v. Duty cycle
45
55
%
At 50% level
w. Load
10
pF
Nominal
x. Waveform screenshot
(example at 20MHz)
8.0
SSB Phase Noise (Typical value at 25°C)
Parameter
10.0MHz
20.0MHz
38.4MHz
Unit.
Test Condition / Description
1Hz offset
-85
-75
-70
dBc/Hz
10Hz offset
-116
-105
-102
dBc/Hz
100Hz offset
-143
-135
-132
dBc/Hz
1kHz offset
-158
-155
-150
dBc/Hz
10kHz offset
-160
-158
-155
dBc/Hz
100kHz offset
-160
-159
-157
dBc/Hz
1MHz offset
-160
-160
-159
dBc/Hz
9.0
Marking
Parameter
Marking
Description
a. Type
Laser marked
b. Line 1
[R FFFF YM ]
Rakon identifier R, Frequency FFFF (M=MHz, e.g. 38M4=19.44MHz),
Year Y (A=2010, B=2011, …), Month M (1=Jan, 2=Feb, …, A=Oct, B=Nov, C=Dec)
c. Line 2
[ • XXXXXX ]
Pin 1 •, alphanumeric serial number XXXXXX
10.0
Manufacturing Information
Parameter
Test Condition / Description
a. Reflow soldering
IPC/JEDEC J-STD-020, see Pb-free solder reflow profile attached
b. Soldering orientation
Solder part in upright position on top of PCB only and do not let it go through any further
reflow in an inverted position. Part is not suitable for inverted reflow
c. Packaging description
Tape & Reel (see drawing attached)
d. Net weight
1.84 g/pc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com