Electronic Components Datasheet Search
  English  ▼

X  

MIC2225 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2225
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2225 Datasheet HTML 6Page - Micrel Semiconductor MIC2225 Datasheet HTML 7Page - Micrel Semiconductor MIC2225 Datasheet HTML 8Page - Micrel Semiconductor MIC2225 Datasheet HTML 9Page - Micrel Semiconductor MIC2225 Datasheet HTML 10Page - Micrel Semiconductor MIC2225 Datasheet HTML 11Page - Micrel Semiconductor MIC2225 Datasheet HTML 12Page - Micrel Semiconductor MIC2225 Datasheet HTML 13Page - Micrel Semiconductor MIC2225 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
MIC2225
October 2007
13
M9999-101107-B
J3
VO1
MIC2225
J5
GND
J1
VIN
5.5V Max
J2
GND
VIN
AVIN
SW
FB
ENLDO
EN
LDO
PGND
BIAS
AGND
C4
2.2µF/
6.3V
C3
2.2µF/
6.3V
R3
0
C2
0.1µF/
6.3V
L1
0.47µH / 2.2µH
8
4
6
7
3
10
1
2
5
9
J6
EN
R1
10k
J7
ENLDO
C1
2.2µF/
6.3V
J4
VO2
R2
10k
JP1
1X2
Schematic Diagram
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C1608X5R0J225K
TDK
(1)
2.2µF/6.3V, X5R
1
C2
VJ0402Y104KXQCW1BC
Vishay Vitramon
(2)
0.1µF/6.3V, X7R
1
C3
C1608X5R0J225K
TDK
(1)
2.2µF/6.3V, X5R
1
C4
C1608X5R0J225K
TDK
(1)
2.2µF/6.3V, X5R
1
R1
CRCW06031002FKEYE3
Vishay Dale
(2)
10k, 0603, 1/16W, 1%
1
R2
CRCW06031002FKEYE3
Vishay Dale
(2)
10k, 0603, 1/16W, 1%
1
R3
CRCW08050000FKEYE3
Vishay Dale
(2)
0, 0805, 1/8W, 1%
1
L1
CDRH2D11/HPNP-2R2NC
Sumida
(3)
2.2µH, 1.1A (Isat)
1
U1
MIC2225-XYMT
Micrel, Inc.
(4)
2Mhz PWM Synchronous Buck Regulator
with 300mA LDO
1
Notes:
1. TDK: www.tdk.com
2. Vishay: www.vishay.com
3. Sumida: www.sumida.com
4. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com