Electronic Components Datasheet Search
  English  ▼

X  

MIC2225 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2225
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2225 Datasheet HTML 1Page - Micrel Semiconductor MIC2225 Datasheet HTML 2Page - Micrel Semiconductor MIC2225 Datasheet HTML 3Page - Micrel Semiconductor MIC2225 Datasheet HTML 4Page - Micrel Semiconductor MIC2225 Datasheet HTML 5Page - Micrel Semiconductor MIC2225 Datasheet HTML 6Page - Micrel Semiconductor MIC2225 Datasheet HTML 7Page - Micrel Semiconductor MIC2225 Datasheet HTML 8Page - Micrel Semiconductor MIC2225 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2225
October 2007
3
M9999-101107-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................+6V
Output Switch Voltage (VSW) ..........................................+6V
Output Switch Current (ISW)..............................................1A
Logic Input Voltage (VEN,VLOWQ)........................ –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Logic Input Voltage (VEN,VLOWQ)........................ –0.3V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
Thin MLF-10L (
θJA) ............................................90°C/W
Electrical Characteristics DC/DC
(4)
VEN = VIN = 3.6V, L = 2.2µH; COUTDC/DC = 2.2µF, CLDO = 2.2µF; IOUTDC/DC = 100mA; CBIAS = 0.1µF
VENLDO = 0V; TJ = 25°C, bold values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
UVLO Threshold
Rising input voltage during turn-on
2.45
2.55
2.65
V
UVLO Hysteresis
70
mV
Switcher Ground Pin Current
ENLDO = 0V, VFB = GND ; IL=0mA
850
1100
µA
LDO Ground Pin Current
EN = 0V
67
110
µA
Ground Pin Current in
Shutdown
EN +ENLDO = 0V
0.2
5
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
23
°C
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.0
V
VIL < 0.2V
0.1
1
µA
Enable Input Current
VIH > 1.0V
0.1
1
µA
Turn-on Time
ILOAD = 5mA
50
µs
Fixed Output Voltages
Nominal VOUT tolerance Io=50mA
–2
–3
+2
+3
%
%
Current Limit in PWM Mode
VFB = 0.9*VNOM
0.675
0.95
A
Output Voltage Line Regulation
VIN = 2.7V to 5.5V, ILOAD= 100mA
0.12
1
%
%
Output Voltage Load Regulation
20mA < ILOAD < 300mA
0.2
1.5
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-Resistance
ISW = 150mA; VFB = 0.7VFB_NOM
ISW = -150mA; VFB = 1.1VFB_NOM
0.4
0.4
Ω
Ω
Oscillator Frequency
1.8
2
2.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com