Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJSTZ2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1981BLJSTZ2
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1981BLJSTZ2 Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 9Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 10Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 11Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 12Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 13Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 14Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. 0
AD1981BL
–11–
Headphones Volume Register (Index 04h)
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect. All registers not shown, and bits containing an X are assumed to be reserved.
Refer to Table I for examples. This register controls the headphone volume controls for both stereo channels and mute bit. Each
volume subregister contains five bits, generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume
registers, to maintain compatibility, whenever the D5 or D13 bits are set to 1, their respective lower five volume bits are automati-
cally set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever these bits are set to 1.
RHV [4:0]
Right Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of 46.5 dB.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the HPM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LHV [4:0]
Left Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of 46.5 dB.
HPM
Headphones Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the
MSPLT bit in Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Table I. Volume Settings for Master and Headphone
Control Bits
Reg. 76h
Master Volume (02h) and Headphone Volume (04h)
MSPLT
*
Left Channel Volume D[13:8]
Right Channel Volume D[5:0]
D15 Write
Readback
Function
D7
*
Write
Readback
Function
00
00 0000
00 0000
0 dB Gain
x
00 0000
00 0000
0 dB Gain
00
00 1111
00 1111
–22.5 dB Gain
x
00 1111
00 1111
–22.5 dB Gain
00
01 1111
01 1111
–46.5 dB Gain
x
01 1111
01 1111
–46.5 dB Gain
00
1x xxxx
01 1111
–46.5 dB Gain
x
1x xxxx
01 1111
–46.5 dB Gain
01
xx xxxx
xx xxxx
–
dB Gain, Muted
x
xx xxxx
xx xxxx
–
dB Gain, Muted
10
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
–
dB Gain, Right
Only Muted
11
xx xxxx
xx xxxx
– dB Gain, Left Only Muted
0
xx xxxx
xx xxxx
–46.5 dB Gain
11
xx xxxx
xx xxxx
–
dB Gain, Left Muted
1
xx xxxx
xx xxxx
–
dB Gain, Right
Muted
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
x in the above table is a wild card and has no effect on the value.
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
04h Headphone HPM
X
X
LHV
LHV
LHV
LHV
LHV
RM
*
XXRHV
RHV
RHV
RHV
RHV
8000h
Volume
4
3
2
1
0
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com