Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJSTZ2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1981BLJSTZ2
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1981BLJSTZ2 Datasheet HTML 11Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 12Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 13Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 14Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 15Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 16Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 17Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 18Page - Analog Devices AD1981BLJSTZ2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. 0
AD1981BL
–15–
Table V. Settings for Record Select Control
LS [10:8]
Left Record Source
RS [2:0]
Right Record Source
000
MIC
000
MIC
001
CD_L
001
CD_R
010
Muted
010
Muted
011
AUX_L
011
AUX_R
100
LINE_IN_L
100
LINE_IN_R
101
Stereo Mix (L)
101
Stereo Mix (R)
110
Mono Mix
110
Mono Mix
111
PHONE_IN
111
PHONE_IN
RIM[3:0]
Right Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB, and the gain range is 0 dB to 22.5 dB.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the IM bit. Otherwise, this bit will always read 0 and will have no affect when set to 1.
LIM[3:0]
Left Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB, and the gain range is 0 dB to 22.5 dB.
IM
Input Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Table VI. Settings for Record Gain Register
Reg. 76h
Control Bits—Record Gain (1Ch)
Left Channel Input Mixer D[11:8]
Right Channel Input Mixer D[3:0]
MSPLT
*
D15 Write
Readback
Function
D7
* Write Readback
Function
00
1111
1111
22.5 dB Gain
x
1111
1111
22.5 dB Gain
00
0000
0000
0 dB Gain
x
0000
0000
0 dB Gain
01
xxxx
xxxx
–
dB Gain, Muted
x
xxxx
xxxx
–
dB Gain, Muted
10
1111
1111
22.5 dB Gain
1
xxxx
xxxx
–
dB Gain, Right Only Muted
11
xxxx
xxxx
–
dB Gain, Left Only Muted 0
1111
1111
22.5 dB Gain
11
xxxx
xxxx
–
dB Gain, Left Muted
1
xxxx
xxxx
–
dB Gain, Right Muted
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
x is a wild card and has no effect on the value.
RS[2:0]
Right Record Select
LS[2:0]
Left Record Select
Record Select Control Register (Index 1Ah)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
1Ah Record Select
X
X
X
X
X
LS2
LS1
LS0
X
X
X
X
X
RS2
RS1
RS0
0000h
All registers not shown and bits containing an X are assumed to be reserved. Used to select the record source independently for right and left. The default value is
0000h, which corresponds to MIC In. Refer to Table V for examples.
Record Gain Register (Index 1Ch)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
1Ch Record Gain
IM
X
X
X
LIM3
LIM2
LIM1
LIM0
RM
* XX
X
RIM3
RIM2
RIM1
RIM0 8000h
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table VI for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com