Electronic Components Datasheet Search
  English  ▼

X  

G910 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G910
Description  3.3V 600mA/250mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G910 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Ver: 7.2
Jan 20, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G910/G911
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
100
110
120
130
140
150
160
-25 -15 -5
5
15 25 35455565 7585
Temperature (°C)
V
IN=4V
V
IN=5V
3.234
3.254
3.274
3.294
3.314
3.334
3.354
3.374
-25
-515
35
5575
Temperature (°C)
V
IN=6V
I
L=10mA
3.300
3.305
3.310
3.315
3.320
3.325
44.5
5
5.5
66.5
V
IN (V)
I
L=10mA
0
100
200
300
400
500
600
700
800
900
100
200
300
400
500
600
I
L (mA)
T
A=25°C
T
A=85°C
Quiescent Current vs. Temperature (SOT-89)
Dropout Voltage vs. IL (SOT-89)
T
A=-25°C
Output Voltage vs. Temperature (SOT-89)
V
IN=5V
V
IN=4V
T
A=85°C
T
A=25°C
T
A=-25°C
Output Voltage vs. VIN (SOT-89)
0
50
100
150
200
250
300
350
400
450
500
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Input-Output Voltage Dif f erential V
IN-VOUT (V)
Maximum Recommended Output Current
T
A=25°C,Still Air
µTO92 package 0.053" leads),RθJA=250°C/W)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25 35
45 55
65 75 85
95 105 115 125
Amibent Temperature T
A (°C)
Still Air
µTO92 package 0.053 inch lead,
(Rθ
JA=250°C/W)
Note: VIN(max) <= 6.5V
Safe Operating Area of
µTO-92 & TO-92
Maximum Power Dissipation of
µTO-92 & TO-92
T
A=25°C
T
A=85°C
T
A=55°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com