Electronic Components Datasheet Search
  English  ▼

X  

G910 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G910
Description  3.3V 600mA/250mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G910 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ver: 7.2
Jan 20, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G910/G911
Global Mixed-mode Technology Inc.
3.3V 600mA/250mA
+ Low Dropout Regulator
Features
Dropout voltage typically 0.65V/0.25V @ IO =
600mA/ 250mA
+
Output current in excess of 600mA/250mA
+
Output voltage accuracy ±2%
Quiescent current, typically 0.3mA
Internal short circuit current limit
Internal over temperature protection
General Description
The G910/G911 positive 3.3V voltage regulator fea-
tures the ability to source 600mA/250mA+ of output
current with a dropout voltage of typically 0.65V/
0.25V. A low quiescent current is provided. The typi-
cal quiescent current is 0.3mA.
[
+
For
µTO-92 & TO-92 package]
Familiar regulator features such as over temperature
and over current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
1
2
3
G910T21U
G910T21Uf
-40°C~85°C
SOT-89
VOUT
GND
VIN
G911T24U
G911T24Uf
-40°C~85°C
SOT-89
GND
VIN
VOUT
G910T65U
G910T65Uf
-40°C~85°C
SOT-223
VIN
GND
VOUT
G910TD1B
G910TD1Bf
-40°C~85°C
TO-92
VOUT
GND
VIN
G911TD4B
G911TD4Bf
-40°C~85°C
TO-92
GND
VIN
VOUT
G910T81B
G910T81Bf
-40°C~85°C
µTO-92
VOUT
GND
VIN
G911T84B
G911T84Bf
-40°C~85°C
µTO-92
GND
VIN
VOUT
G911T85B
G911T85Bf
-40°C~85°C
µTO-92
VIN
GND
VOUT
* For other package types, pin options and package, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SOT-89
1
2
3
U & D : Tape & Reel Direction
T6 : SOT-223
1 : VOUT
GND
VIN
B : Bag
T8 : µTO-92
2 : VOUT
VIN
GND
TD :TO-92
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application
[Note 4]: Type of COUT
Top View
Top View
Top View
SOT-89、223
Top View
1
3
µTO-92 、 TO-92
2
Top View
V
IN
G910
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
Top View
Top View
SOT-89、223
Top View
1
3
µTO-92 、 TO-92
2
Top View
V
IN
G910
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G910

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910 GMT-G910 Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
G9105P11U GMT-G9105P11U Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
G9105TF1T GMT-G9105TF1T Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
G9105TF1TF GMT-G9105TF1TF Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
More results

Similar Description - G910

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G903 GMT-G903 Datasheet
233Kb / 5P
3.3V 600mA Low Dropout Regulator
G910 GMT-G910 Datasheet
228Kb / 9P
3.3V 400mA/250mA Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
3.3V 600mA Low-Dropout Regulator
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
3.3V 600mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G933 GMT-G933 Datasheet
81Kb / 1P
3.3V 600mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
G911 GMT-G911_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
G903 GMT-G903_15 Datasheet
66Kb / 1P
3.3V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com