Electronic Components Datasheet Search
  English  ▼

X  

G930 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G930
Description  3.5V 400mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G930 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ver: 4.6
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G930/G931
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V, CIN=1µF, COUT =10µF, TA=25°C, unless otherwise noted.)
Ground Current vs. Load Current
Line Transient
Load Transient
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
3.49
3.50
3.51
3.52
3.53
3.54
3.55
3.56
0
100
200
300
400
500
600
Load Current (mA)
0
100
200
300
400
500
600
700
800
0
100
200
300
400
Load Current (mA)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
100
200
300
400
Load Current (mA)
Ch1: Vout (offset=3.50V)
Ch2: Vin (offset=5.0V)
Iout=100mA
Ch1: Iout (400mA/div)
Ch2: Vout (offset=3.50V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com