Electronic Components Datasheet Search
  English  ▼

X  

G930 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G930
Description  3.5V 400mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G930 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ver: 4.6
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G930/G931
Global Mixed-mode Technology Inc.
3.5V 400mA Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 400mA
Output current in excess of 400mA
Output voltage accuracy +3%/-2%
Quiescent current, typically 600µA
Internal short circuit current limit
Internal over temperature protection
General Description
The G930/G931 positive 3.5V voltage regulator fea-
tures the ability to source 400mA of output current
with a dropout voltage of typically 0.8V over the en-
tire operating temperature range. A low quiescent
current is provided over the entire output current
range. The typical quiescent current is 0.6mA. Fur-
thermore, the quiescent current is smaller when the
regulator is in the dropout mode (VIN < 3.5V).
Familiar regulator features such as over temperature
and over current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
PACKAGE TYPE
1
2
3
G930T21U
G930T21Uf
SOT-89
VOUT
GND
VIN
G931T24U
G931T24Uf
SOT-89
GND
VIN
VOUT
* For other package types, pin options and package, please contact us at sales @gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SOT 89
1
2
3
U : Tape & Reel
1 : VOUT
GND
VIN
2 : VOUT
VIN
GND
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Package Type
[Note 4] : Type of COUT
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
V
IN
G930
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
1
2
3
Top View
Top View
1
2
3
SOT-89
V
IN
G930
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G930

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
G930T21B GMT-G930T21B Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
G930T21T GMT-G930T21T Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
G930T21U GMT-G930T21U Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
G930T22B GMT-G930T22B Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
More results

Similar Description - G930

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com