Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ver: 1.0
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G962
Global Mixed-mode Technology Inc.
Typical Characteristics (continued)
1.764
1.784
1.804
1.824
1.844
1.864
-25 -15 -5
5 1525 35 45 5565 75 85
Temperature (°C)
VIN=3V
VIN=5V
IL=10mA
Max. Power Dissipation vs. TAMB (still air)
( Different PCB Top Copper Area )
G962-18
Output Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
PCB Top Copper Area (in
2)
TAMB = 25°C ; Still Air
Max. Power Dissipation vs.
PCB Top Copper Area
0
0.5
1
1.5
2
2.5
3
3.5
4
25
35
45
55
65
75
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit: in
2
2.475
2.485
2.495
2.505
2.515
2.525
2.535
2.545
-25 -15 -5
5 1525 3545 55 6575 85
Temperature (
°C)
VIN=4V
VIN=5V
G962-25
Output Voltage vs. Temperature
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40
-20
0
20406080
100
Temperature (
°C)
IL=1A
VIN=5V
VIN=7V
G962-33
Output Voltage vs. Temperature
4.9
4.95
5
5.05
5.1
5.15
5.2
-40
-20
0
20
40
60
80
100
Temperature (°C )
VIN=6V
VIN=7V
G962-50
Output Voltage vs. Temperature
IL=10mA
IL=1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com