Electronic Components Datasheet Search
  English  ▼

X  

G962 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G962
Description  2A Low Dropout Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G962 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G962 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 1.0
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G962
Global Mixed-mode Technology Inc.
TO-252-5 (TJ) Package
MILLIMETERS
INCHES
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.190
2.400
0.086
0.094
A1
0.000
0.127
0.000
0.005
b
0.400
0.880
0.016
0.035
c
0.430
0.580
0.017
0.023
c1
0.430
0.580
0.017
0.023
D
6.350
6.730
0.250
0.265
D1
5.200
5.460
0.205
0.215
E
5.400
6.220
0.213
0.245
e
1.270 TYP
0.050 TYP
e1
2.540 TYP
1.000 TYP
L1
9.400
9.900
0.370
0.410
L2
1.400
1.780
0.055
0.070
L3
2.550
2.900
0.100
0.114
V
3.800 REF
0.150 REF
Taping Specification
PACKAGE
Q’TY/REEL
TO-252
2,500 ea
TO-252-5
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
TO-252-5 Package Orientation
Feed Direction
TO-252 Package Orientation
Feed Direction
TO-252-5 Package Orientation
Feed Direction
TO-252 Package Orientation
L1
D1
D
e
e1
b
c
L2
L3
E
A1
c1
A
V
L1
D1
D
e
e1
b
c
L2
L3
E
A1
c1
A
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com