Electronic Components Datasheet Search
  English  ▼

X  

G914DF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G914DF
Description  300mA High PSRR, Low-Noise LDO Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914DF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G914DF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 1.8
Jul 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G914X
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
Output Short-Circuit Duration. . . . . . . . . . .. . . . . .Infinite
All Other Pins to GND. . . . . . . . . . .-0.3V to (VIN + 0.3V)
Thermal Resistance Junction to Ambient, (θJA)
SOT-23-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C/W
Operating Temperature Range. . . . . . .-40°C to +85°C
Juction Temperature. . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . -65°C to +160°C
Reflow Temperature (soldering, 10sec) . . . . . . 260°C
Note
(1): See Recommended Minimum Footprint
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN=VOUT(STD)+1V, V SHDN =VIN, TA=TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage (Note 2)
VIN
Note2
---
5.5
V
Variation from specified VOUT, IOUT=1mA,VOUT≥2.5V version
-2
---
2
For G914H, IOUT=1mA
-3
---
3
Output Voltage Accuracy
VOUT
For G914G, IOUT=1mA
-4
---
4
%
Maximum Output Current
---
300
---
mA
Current Limit (Note 3)
ILIM
---
500
---
mA
ILOAD = 0mA
---
55
120
ILOAD = 50mA
---
145
---
Ground Pin Current
IQ
VIN =3.6V
ILOAD = 300mA
---
265
---
µA
IOUT = 1mA
---
2
---
IOUT = 50mA, VOUT ≥ 2.7V Version
---
70
---
VO (NOM) ≥ 3.0V
---
230
---
2.5V
≤V
O (NOM) ≤2.85V
---
250
---
VO (NOM) = 1.8V
---
380
---
IOUT = 150mA
VO (NOM) = 1.5V
---
510
---
VO (NOM) ≥ 3.0V
---
450
600
2.5V
≤V
O (NOM) ≤2.85V
---
500
660
VO (NOM) = 1.8V
---
760
1500
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VO (NOM) = 1.5V
---
910
1800
mV
Line Regulation
ΔV
LNR
VIN=VOUT+100mV to 5.5V, IOUT= 1mA
---
0.1
0.28
%/V
Load Regulation (Note 5)
ΔV
LDR
IOUT = 10mA to 300mA
---
0.1
1
%
Power Supply Rejection Ratio
PSRR
IOUT = 10mA CBYP = 10nF, f = 120HZ
---
70
---
dB
Output Voltage Temperature
Coefficient
ΔVO/ΔT I
OUT = 50mA, TJ = 25°C to 125°C
---
30
---
ppm/°C
COUT = 1µF, IOUT = 150mA, CBYP=1nF
---
52
---
COUT = 1µF, IOUT = 150mA, CBYP=10nF
---
35
---
COUT = 1µF, IOUT = 150mA, CBYP= 100nF
---
30
---
Output Voltage Noise
(10Hz to 100kHz)
(G914H)
en
VIN=VOUT+1V
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
---
26
---
µV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com