Electronic Components Datasheet Search
  English  ▼

X  

G914DF Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G914DF
Description  300mA High PSRR, Low-Noise LDO Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914DF Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G914DF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914DF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver: 1.8
Jul 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G914X
Global Mixed-mode Technology Inc.
Electrical Characteristics
(VIN=VOUT(STD)+1V, V SHDN =VIN, TA=TJ =25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
SHUTDOWN
VIH
Regulator enabled
1.5
---
---
SHDN
Input Threshold
VIL
Regulator shutdown
---
---
0.4
V
SHDN
Input Bias Current
ISHDN
V SHDN = VIN
TA = +25°C
---
0.003
0.1
Shutdown Supply Current
IQ SHDN
VOUT = 0V
TA = +25°C
---
---
1
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
---
150
---
°C
Thermal Shutdown Hysteresis
ΔT
SHDN
---
15
---
°C
SET INPUT
SET Reference Voltage
VSET
VIN = 2.5V to 5.5V,IOUT = 1mA
1.225
1.25
1.275
V
SET Input Leakage Current
ISET
VSET = 1.3V
---
5
30
nA
Note 1:
Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to maintain
junction temperature as close to ambient as possible.
Note 2:
VIN (min)=VOUT (STD)+VDROPOUT
Note 3:
Not tested. For design purposes, the current limit should be considered 400mA minimum to 600mA maximum.
Note 4:
The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +1V. The per-
formance of every G914X version, see “Typical Performance Characteristics”.
Note 5:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 1mA to 300mA. Changes in output due to heating effects are covered by the thermal
regulation specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com