Electronic Components Datasheet Search
  English  ▼

X  

TL496CP Datasheet(PDF) 5 Page - Texas Instruments

Part # TL496CP
Description  9-V POWER-SUPPLY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496CP Datasheet(HTML) 5 Page - Texas Instruments

  TL496CP Datasheet HTML 1Page - Texas Instruments TL496CP Datasheet HTML 2Page - Texas Instruments TL496CP Datasheet HTML 3Page - Texas Instruments TL496CP Datasheet HTML 4Page - Texas Instruments TL496CP Datasheet HTML 5Page - Texas Instruments TL496CP Datasheet HTML 6Page - Texas Instruments TL496CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL496C, TL496Y
9-VOLT POWER-SUPPLY CONTOLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
4–5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
75
1
4
2
36
8
1C INPUT
SW
OUTPUT
FEEDBACK
GND
GND
T INPUT
2C INPUT
TL496C
L
OUTPUT
GND
D1
T1
CIRCUIT COMPONENT INFORMATION
D1: 1N4001
CO: 330 µF to 470 µF, 10 V, electrolytic
L: 40
µH to 50 µH, Q ≈ 3, R < 0.15 Ω
T1: Vsec = 6.8 V RMS typ, Rsec = 11 Ω typ
CO
BATT
AC
INPUT
Figure 1. One-Cell Operation
T1
D1
GND
OUTPUT
L
TL496C
2C INPUT
T INPUT
GND
GND
FEEDBACK
OUTPUT
SW
1C INPUT
8
6
3
2
41
5
7
CIRCUIT COMPONENT INFORMATION
D1: 1N4001
CO: 330 µF to 470 µF, 10 V, electrolytic
L: 40
µH to 50 µH, Q ≈ 3, R < 0.15 Ω
T1: Vsec = 6.8 V RMS typ, Rsec = 11 Ω typ
CO
AC
INPUT
BATT
Figure 2. Two-Cell Operation
electrical characteristics for one- and two-cell input operations
PARAMETER
ONE-CELL OPERATION
(see Figure 1)
TWO-CELL OPERATION
(see Figure 2)
Input current
No load
125
µA
125
µA
Input current
RL = 120 Ω
525 mA
405 mA
Output voltage
No ac input
7.2 V
8.6 V
Output voltage
With ac input
8.6 V
10 V
Output current capability
40 mA
80 mA
Efficiency
66%
66%
Battery life (AA NiCad) no load
60 days
166 days



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com