Electronic Components Datasheet Search
  English  ▼

X  

TL496CP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL496CP
Description  9-V POWER-SUPPLY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496CP Datasheet(HTML) 1 Page - Texas Instruments

  TL496CP Datasheet HTML 1Page - Texas Instruments TL496CP Datasheet HTML 2Page - Texas Instruments TL496CP Datasheet HTML 3Page - Texas Instruments TL496CP Datasheet HTML 4Page - Texas Instruments TL496CP Datasheet HTML 5Page - Texas Instruments TL496CP Datasheet HTML 6Page - Texas Instruments TL496CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL496C, TL496Y
9-V POWER-SUPPLY CONTROLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
4–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Internal Step-Up Switching Regulator
• Fixed 9-V Output
• Charges Battery Source During
Transformer-Coupled-Input Operation
• Minimum External Components Required
(1 Inductor, 1 Capacitor, 1 Diode)
• 1- or 2-Cell-Input Operation
description
The TL496C power-supply control circuit is designed to provide a 9-V regulated supply from a variety of input
sources. Operable from a 1- or 2-cell battery input, the TL496C performs as a switching regulator with the
addition of a single inductor and filter capacitor. When ac coupled with a step-down transformer, the TL496C
operates as a series regulator to maintain the regulated output voltage and, with the addition of a single catch
diode, time shares to recharge the input batteries.
The design of the TL496C allows minimal supply current drain during standby operation (125
µA typical). With
most battery sources, this allows a constant bias to be maintained on the power supply. This makes power
instantly available to the system, thus eliminating power-up sequencing problems.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SURFACE MOUNT
(D)
PLASTIC DIP
(P)
FORM
(Y)
0
°C to 70°C
TL496CD
TL496CP
TL496Y
functional block diagram
Switching
Voltage
Regulator
Control
9-V
Series
Regulator
2
2C INPUT
T INPUT
1C INPUT
3
4
GND
GND
5
7
See Note 1
OUTPUT
FEEDBACK
SW
1
6
8
NOTE 1: Terminals 5 and 7, though connected together internally, must both be terminated to ground to ensure proper circuit operation.
1
2
3
4
8
7
6
5
FEEDBACK
2C INPUT
1C INPUT
T INPUT
OUTPUT
GND
SW
GND
D OR P PACKAGE
(TOP VIEW)
Terminals 5 and 7 are connected together internally.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL496CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CJ TI-TL490CJ Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CN TI-TL490CN Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL493 TI-TL493 Datasheet
210Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL493CD TI-TL493CD Datasheet
210Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL496CP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
Resonant-Mode Power Supply Controllers
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
Resonant-Mode Power Supply Controllers
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
Resonant-Mod Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com