Electronic Components Datasheet Search
  English  ▼

X  

CD74AC174 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174
Description  CD74AC174 Hex D-type Flip-Flop with Clear
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC174 Datasheet HTML 2Page - Texas Instruments CD74AC174 Datasheet HTML 3Page - Texas Instruments CD74AC174 Datasheet HTML 4Page - Texas Instruments CD74AC174 Datasheet HTML 5Page - Texas Instruments CD74AC174 Datasheet HTML 6Page - Texas Instruments CD74AC174 Datasheet HTML 7Page - Texas Instruments CD74AC174 Datasheet HTML 8Page - Texas Instruments CD74AC174 Datasheet HTML 9Page - Texas Instruments CD74AC174 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
5.7 Timing Requirements, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted)
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
68
77
MHz
tw
Pulse duration
CLR low
5.6
4.9
ns
CLK high or low
7.3
6.4
Tsu
Setup time before CLK↑
Data
2
2
ns
th
Hold time, data after CLK ↑
4.2
3.7
ns
trec
Recovery time, before CLK ↑
CLR↑
1.5
1.5
ns
5.8 Timing Requirements, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted)
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
95
108
MHz
tw
Pulse duration
CLR low
4
3.5
ns
CLK high or low
5.2
4.6
tsu
Setup time before CLK↑
Data
2
2
ns
th
Hold time, data after CLK ↑
3
2.6
ns
trec
Recovery time, before CLK ↑
CLR↑
1.5
1.5
ns
5.9 Switching Characteristics, VCC = 1.5 V
over recommended operating free-air temperature range, VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Load Circuit
and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fmax
8
9
MHz
tPLH
CLK
Any Q
169
154
ns
tPHL
169
154
tPLH
CLR
Any Q
181
165
ns
tPHL
181
165
5.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see
Load Circuit and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fmax
68
77
MHz
tPLH
CLK
Any Q
4.7
18.9
4.9
17.2
ns
tPHL
4.7
18.9
4.9
17.2
tPLH
CLR
Any Q
5.1
20.3
5.2
18.5
ns
tPHL
5.1
20.3
5.2
18.5
CD74AC174
SCHS346C – APRIL 2003 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com