Electronic Components Datasheet Search
  English  ▼

X  

CD74AC174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174
Description  CD74AC174 Hex D-type Flip-Flop with Clear
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC174 Datasheet HTML 1Page - Texas Instruments CD74AC174 Datasheet HTML 2Page - Texas Instruments CD74AC174 Datasheet HTML 3Page - Texas Instruments CD74AC174 Datasheet HTML 4Page - Texas Instruments CD74AC174 Datasheet HTML 5Page - Texas Instruments CD74AC174 Datasheet HTML 6Page - Texas Instruments CD74AC174 Datasheet HTML 7Page - Texas Instruments CD74AC174 Datasheet HTML 8Page - Texas Instruments CD74AC174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CD74AC174 Hex D-type Flip-Flop with Clear
1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Contains six flip-flops with single-rail outputs
• Buffered inputs
• Speed of Bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
2 Application
• Buffer/Storage Registers
• Shift Registers
3 Description
The CD74AC174 is a positive-edge-triggered D-type
flip-flop with a direct clear (CLR) input and is designed
for 1.5V to 5.5V VCC operation.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD74AC174
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
D (SOIC, 16)
9.9mm × 6mm
9.9mm × 3.9mm
N (PDIP, 16)
19.3mm × 9.4mm
19.3mm × 6.35mm
PW (TSSOP, 16)
5mm x 6.4mm
5mm x 4.4mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
CD74AC174
SCHS346C – APRIL 2003 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74AC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC174 TI-CD74AC174 Datasheet
36Kb / 7P
Hex D Flip-Flop with Reset
CD74AC174 TI1-CD74AC174 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
CD74AC174 TI-CD74AC174 Datasheet
1Mb / 25P
CD74AC174 Hex D-type Flip-Flop with Clear
OCTOBER 2024
CD74AC174-MIL TI1-CD74AC174-MIL Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
CD74AC174BQBR TI-CD74AC174BQBR Datasheet
1Mb / 25P
CD74AC174 Hex D-type Flip-Flop with Clear
OCTOBER 2024
More results

Similar Description - CD74AC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com