Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 119 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM67X Datasheet HTML 115Page - Texas Instruments AM67X Datasheet HTML 116Page - Texas Instruments AM67X Datasheet HTML 117Page - Texas Instruments AM67X Datasheet HTML 118Page - Texas Instruments AM67X Datasheet HTML 119Page - Texas Instruments AM67X Datasheet HTML 120Page - Texas Instruments AM67X Datasheet HTML 121Page - Texas Instruments AM67X Datasheet HTML 122Page - Texas Instruments AM67X Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 237 page
background image
CL=
C C
f1
2
f
(C +C )
f1
f2
J7ES_CL_MATH_03
Figure 6-22. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-25 summarizes the
required electrical constraints.
Table 6-25. WKUP_LFOSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
32768
Hz
Crystal Frequency Stability and Tolerance
±100
PPM
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cshunt
Shunt capacitance
ESRxtal – 40 kΩ
4
pF
ESRxtal – 60 kΩ
3
pF
ESRxtal – 80 kΩ
2
pF
ESRxtal – 100 kΩ
1
pF
ESR
Crystal effective series resistance
(1)
Ω
(1)
The maximum ESR of the crystal is a function of the crystal frequency and shunt capacitance. See the Cshunt parameter.
When selecting a crystal, the system design must consider the temperature and aging characteristics of a based
on the worst case environment and expected life expectancy of the system.
Table 6-26 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 6-26. WKUP_LFOSC0 Switching Characteristics – Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fxtal
Oscillation frequency
32768
Hz
tsX
Start-up time
96.5
ms
VDDS_OSC0
WKUP_LFOSC0_XO
t
sX
Time
VSS
VDDS_OSC0 (min.)
VDD_CORE (min.)
VSS
VDD_CORE
LFXOSC_STARTUP_02
Figure 6-23. WKUP_LFOSC0 Start-up Time
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com