Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4657
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 2Page - Analog Devices LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
6 of 38
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN
–0.3V to 22V
VOUT
–0.3V to 3.6V
INTVCC
–0.3V to 3.6V
RUN
–0.3V to 20V
PGOOD, FREQ, COMPa, COMPb,
PHMODE, CLKOUT, FB
–0.3V to 3.6V
MODE/CLKIN, TRACK/SS
–0.3V to INTVCC
VOSNS+
–0.3V to 3.6V
VOSNS–
–0.3V to 0.3V
Internal operating temperature
range 1,2
–40°C to 125°C
Storage temperature range
–55°C to 125°C
Peak solder reflow body
temperature
250°C
1
The LTM4640, including the E-grade and I-grade parts (see Table 14), is tested under pulsed load conditions
such as that TJ ≈ TA. The LTM4640E is guaranteed to meet performance specifications over the 0°C to 125°C
internal operating temperature range. Specifications over the –40°C to 125°C internal operating temperature
range are assured by design, characterization, and correlation with statistical process controls. The
LTM4640I is guaranteed to meet specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated package thermal resistance, and
other environmental factors.
2
The LTM4640, includes overtemperature protection that is intended to protect the device during momentary
overload conditions. The junction temperature exceeds 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction temperature may impair the
device's reliability.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com