Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4657
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices LTM4657 Datasheet HTML 11Page - Analog Devices LTM4657 Datasheet HTML 12Page - Analog Devices LTM4657 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
9 of 38
PIN
NAME
DESCRIPTION
CFG 1
B3
INTVCC
Internal 3.3V Regulator Output of the Switching Mode Regulator Channel. The
internal power drivers and control circuits are powered by this voltage. The LTM4640
has an internal 2.2µF decoupling capacitor. No external decoupling capacitor is
required.
B4
RUN
Run Control Input Pin. Enable regulator operation by connecting the RUN pin above
1.35V. Connecting it below 1.1V shuts down the specific regulator channel.
B5
PGOOD
Output Power Good Pin with Open-Drain Logic. The PGOOD pin is pulled to ground
when the voltage on the FB pin is out of ±8% of the internal 0.6V reference.
B7
SW
Switching node of each channel that is used for testing purposes. Also, an R-C
snubber network is applied to reduce or eliminate switch node ringing. Otherwise,
leave it floating. See the Applications Information section for details.
C1
FB
The Negative Input of the Error Amplifier for the Switching Mode Regulator. This pin
is internally connected to VOSNS+ with a 10kΩ precision resistor. The output voltage is
programmed with an additional resistor between FB and VOSNS– pins. In a PolyPhase®
operation, connect the FB pins together to allow for a parallel operation. See the
Applications Information section for details.
C2
VOSNS–
Negative Input to the Differential Remote Sense Amplifier. Connect an external
resistor between FB and VOSNS– pins to set the output voltage of the specific channel.
See the Applications Information section for details.
D1
COMPa
Current control threshold and error amplifier compensation point of the switching
mode regulator channel. The internal current comparator threshold is linearly
proportional to this voltage. Connect the COMPa pins from different channels
together for a parallel operation. The device is internally compensated. Connect to
the COMPb pin to use the internal compensation. Or connect to a Type-II C-R-C
network to use customized compensation.
D2
MODE/CLKIN
Discontinuous Mode Select Pin and External Synchronization Input to Phase
Detector. Connect MODE/CLKIN to GND for discontinuous-conduction mode (DCM)
operation. Floating MODE/CLKIN or connecting it to a voltage above 1V selects forced
continuous mode (FCM). Furthermore, connecting MODE/CLKIN to an external clock
synchronizes the system clock to the external clock and puts the part in FCM. See the
Applications Information section for details.
D3–D4, E3–
E4, F4, G4
VIN
Power input pins connect to the drain of the internal top MOSFET, and the signal VIN
to the internal 3.3V regulator for the control circuitry for each switching mode
regulator channel. Apply input voltages between these pins and GND pins.
Recommend placing input decoupling capacitance directly between each of the VIN
pins and the GND pins.
E1
FREQ
Switching Frequency Program Pin. The frequency is set internally to 600kHz. An
external resistor is placed from this pin to GND to increase frequency, or from this pin
to INTVCC to reduce frequency. See the Applications Information section for
frequency adjustment.
E2
TRACK/SS
Output Tracking and Soft Start Pin of the Switching Mode Regulator. The TRACK/SS
pin allows the user to control the rise time of the output voltage. Putting a voltage
below 0.6V on this pin bypasses the internal reference input to the error amplifier,
instead it servos the FB pin to the TRACK voltage. Above 0.6V, the tracking function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com