Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4622
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
8 of 38
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pinout Configuration
Pin Descriptions
Table 4. Pin Descriptions
BGA PACKAGE
49-PIN (6.25mm × 6.25mm × 5.07mm)
TJMAX = 125°C, θJCtop = 10.1°C/W, θJCbottom = 3.9°C/W, θJA = 16°C/W
TOP VIEW
5
1
2
3
4
7
6
A
B
C
D
E
F
G
θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS,
WEIGHT 660mg.
θJA VALUE IS OBTAINED WITH DEMO BOARD.
SEE THE APPLICATIONS INFORMATION SECTION FOR LAB MEASUREMENT
AND DERATING INFORMATION.
VOUT
VIN
PHMODE
GND
TSENSE–
TSENSE+
SW
CLKOUT
COMPb
FREQ
VOSNS
–
MODE/CLKIN
TRACK/SS
VOSNS+
INTVCC
RUN
PGOOD
FB
COMPa
VOUT
PIN
NAME
DESCRIPTION
CFG 1
A1–A5, F3,
G1–G3
VOUT
Power Output Pins of the Switching Mode Regulator. Apply output load between
these pins and GND. Recommend placing output decoupling capacitance directly
between these pins and the GND. See the Applications Information section for
paralleling outputs.
A6
TSENSE+
Temperature Monitor Pin. An internal diode-connected NPN transistor is placed
between TSENSE+ and TSENSE– pins. See the Applications Information section
for details.
A7
TSENSE–
Low-Side of the Internal Temperature Monitor.
B1
VOSNS+
Positive Input to the Differential Remote Sense Amplifier. Internally, this pin is
connected to the FB pin with a 10kΩ ±0.5% precision resistor. See the Applications
Information section for details.
B2, B6, C3–
C7, D5–D7,
E5–E7, F5–
F7, G6–G7
GND
Power Ground Pins for Both Input and Output Returns. Use large PCB copper areas to
connect the GND pins together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com