Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4622
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 25Page - Analog Devices LTM4622 Datasheet HTML 26Page - Analog Devices LTM4622 Datasheet HTML 27Page - Analog Devices LTM4622 Datasheet HTML 28Page - Analog Devices LTM4622 Datasheet HTML 29Page - Analog Devices LTM4622 Datasheet HTML 30Page - Analog Devices LTM4622 Datasheet HTML 31Page - Analog Devices LTM4622 Datasheet HTML 32Page - Analog Devices LTM4622 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
29 of 38
Figure 35 shows a thermal capture of LTM4640 with 12V input, 1V output at 20A, 600kHz, 21°C ambient
temperature, without airflow and heat sink conditions.
Figure 35. Thermal Image at 12VIN, 1VOUT at 20A, 600kHz, 21°C Ambient Temperature, without Airflow and Heat Sinking
Table 9. 1V Output
DERATING CURVE
VIN (V)
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 29, Figure 30
5, 12
Figure 26
0
None
14
Figure 29, Figure 30
5, 12
Figure 26
200
None
11
Figure 29, Figure 30
5, 12
Figure 26
400
None
10
Table 10. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 31, Figure 32
5, 12
Figure 27
0
None
14
Figure 31, Figure 32
5, 12
Figure 27
200
None
11
Figure 31, Figure 32
5, 12
Figure 27
400
None
10
Table 11. 3.3V Output
DERATING CURVE
VIN
(V)
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figure 33, Figure 34
5, 12
Figure 28
0
None
15
Figure 33, Figure 34
5, 12
Figure 28
200
None
12
Figure 33, Figure 34
5, 12
Figure 28
400
None
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com