Electronic Components Datasheet Search
  English  ▼

X  

P2CF-11 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # P2CF-11
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button P2CF-11 Datasheet HTML 10Page - Omron Electronics LLC P2CF-11 Datasheet HTML 11Page - Omron Electronics LLC P2CF-11 Datasheet HTML 12Page - Omron Electronics LLC P2CF-11 Datasheet HTML 13Page - Omron Electronics LLC P2CF-11 Datasheet HTML 14Page - Omron Electronics LLC P2CF-11 Datasheet HTML 15Page - Omron Electronics LLC P2CF-11 Datasheet HTML 16Page - Omron Electronics LLC P2CF-11 Datasheet HTML 17Page - Omron Electronics LLC P2CF-11 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
B-122
Solid-state Multi-functional Timer
H3CR-A
H3CR-A8/-A8S
Note: 1. The minimum power-opening time (“Rt”) is 0.1 s.
2. The letter “t” in the timing charts stands for the set time and “t–a” means that the period is less than the time set.
Operating
mode
Timing chart
A:
ON-delay
B
2:
Flicker ON
start
E:
Interval
J:
One-shot out-
put
t
Power
Output
Basic operation
Power
Output relay
(NC)
Output relay
(NO) (output
indicator)
Power
indicator
t
t
t
t
Power
Power
Output
Basic operation
Output relay
(NC)
Output relay
(NO) (output
indicator)
Power
indicator
t
Power
Output
Basic operation
Power
Output relay
(NC)
Output relay
(NO) (output
indicator)
Power
indicator
t
Power
Power
Output
Basic operation
Output relay
(NC)
Output relay
(NO) (output
indicator)
Power
indicator
1
±0.6 s
(Fixed)
1
±0.6 s
(Fixed)
1
±0.6 s
(Fixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com