Electronic Components Datasheet Search
  English  ▼

X  

P2CF-11 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2CF-11
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2CF-11 Datasheet HTML 1Page - Omron Electronics LLC P2CF-11 Datasheet HTML 2Page - Omron Electronics LLC P2CF-11 Datasheet HTML 3Page - Omron Electronics LLC P2CF-11 Datasheet HTML 4Page - Omron Electronics LLC P2CF-11 Datasheet HTML 5Page - Omron Electronics LLC P2CF-11 Datasheet HTML 6Page - Omron Electronics LLC P2CF-11 Datasheet HTML 7Page - Omron Electronics LLC P2CF-11 Datasheet HTML 8Page - Omron Electronics LLC P2CF-11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
B-110
Solid-state Multi-functional Timer
H3CR-A
Ordering Information
I List of Models
11-pin Models
8-pin Models
Output
Supply voltage
Input type
Time range
Operating mode (see
note 2)
Model
Contact
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
No-voltage input
0.05 s to 300 h
Six multi-modes: A, B,
B2, C, D, E
H3CR-A
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
Dual-modes: G, J
H3CR-A-300
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
Voltage input
Six multi-modes: A, B,
B2, C, D, E
H3CR-AP
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
No-voltage input
0.1 s to 600 h
H3CR-A-301
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
Transistor (Photocou-
pler)
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
0.05 s to 300 h
H3CR-AS
Output
Supply voltage
Input type
Time range
Operating mode (see
note 2)
Model
Contact
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
No-input available 0.05 s to 300 h
Four multi-modes: A,
B2, E, J
(Power supply start)
H3CR-A8
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
0.1 s to 600 h
H3CR-A8-301
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
Transistor (Photocou-
pler)
24 to 48 VAC (50/60 Hz)/
12 to 48 VDC
0.05 s to 300 h
H3CR-A8S
Time-limit contact and
instantaneous contact
100 to 240 VAC (50/60 Hz)/
100 to 125 VDC
H3CR-A8E
24 to 48 VDC/VAC (50/60 Hz)
Supply voltage
Note: 1. Specify both the model number and supply voltage when ordering.
Example: H3CR-A 100 to 240 VAC (50/60 Hz)/100 to 125 VDC
2. The operating modes are as follows
A: ON-delay
D: Signal OFF-delay
B: Flicker OFF start
E: Interval
B2: Flicker ON start
G: Signal ON/OFF-delay
C: Signal ON/OFF-delay
J: One-shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com