Electronic Components Datasheet Search
  English  ▼

X  

TSD36C Datasheet(PDF) 5 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD36C Datasheet(HTML) 5 Page - Texas Instruments

  TSD36C Datasheet HTML 1Page - Texas Instruments TSD36C Datasheet HTML 2Page - Texas Instruments TSD36C Datasheet HTML 3Page - Texas Instruments TSD36C Datasheet HTML 4Page - Texas Instruments TSD36C Datasheet HTML 5Page - Texas Instruments TSD36C Datasheet HTML 6Page - Texas Instruments TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5.4 ESD Ratings - ISO Specifications
Parameter
Test Conditions
Device
VALUE
UNIT
V(ESD)
ISO 10605 Electrostatic Discharge
Contact discharge, all
pins
C = 150 pF; R = 330 Ω
TSD12C-Q1
±30000
V
TSD15C-Q1
TSD18C-Q1
TSD24C-Q1
TSD36C-Q1
C = 330 pF; R = 330 Ω
TSD12C-Q1
±30000
V
TSD15C-Q1
TSD18C-Q1
TSD24C-Q1
TSD36C-Q1
±27000
V
Air-gap discharge, all
pins
C = 150 pF; R = 330 Ω
TSD12C-Q1
±30000
V
TSD15C-Q1
TSD18C-Q1
TSD24C-Q1
TSD36C-Q1
C = 330 pF; R = 330 Ω
TSD12C-Q1
±30000
V
TSD15C-Q1
TSD18C-Q1
TSD24C-Q1
TSD36C-Q1
5.5 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
5.6 Thermal Information
THERMAL METRIC
TSD12C-Q1 / TSD15C-
Q1 / TSD18C-Q1
TSD24C-Q1 / TSD36C-Q1
UNIT
DYF (SOD-323)
DYF (SOD-323)
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
683.8
686.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
264.2
267.0
°C/W
RθJB
Junction-to-board thermal resistance
559.0
560.5
°C/W
ΨJT
Junction-to-top characterization parameter
89.9
91.4
°C/W
ΨJB
Junction-to-board characterization parameter
544.8
546.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
www.ti.com
TSD12C-Q1, TSD15C-Q1, TSD18C-Q1, TSD24C-Q1, TSD36C-Q1
SLVSHX0 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TSD12C-Q1 TSD15C-Q1 TSD18C-Q1 TSD24C-Q1 TSD36C-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com