Electronic Components Datasheet Search
  English  ▼

X  

TSD36C Datasheet(PDF) 11 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD36C Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments TSD36C Datasheet HTML 10Page - Texas Instruments TSD36C Datasheet HTML 11Page - Texas Instruments TSD36C Datasheet HTML 12Page - Texas Instruments TSD36C Datasheet HTML 13Page - Texas Instruments TSD36C Datasheet HTML 14Page - Texas Instruments TSD36C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
5.12 Typical Characteristics
Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
-4
0
4
8
12
16
20
24
28
Figure 5-1. Positive TLP Curve - TSD12C-Q1
Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
-4
0
4
8
12
16
20
24
28
Figure 5-2. Positive TLP Curve - TSD15C-Q1
Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
-4
0
4
8
12
16
20
24
28
Figure 5-3. Positive TLP Curve - TSD18C-Q1
Voltage (V)
0
5
10
15
20
25
30
35
40
45
-4
0
4
8
12
16
20
24
28
Figure 5-4. Positive TLP Curve - TSD24C-Q1
Voltage (V)
0
5
10 15 20 25 30 35 40 45 50 55 60 65
-4
0
4
8
12
16
20
24
28
Figure 5-5. Positive TLP Curve - TSD36C-Q1
Bias Voltage (V)
0
5
10
15
20
25
30
35
40
2
2.5
3
3.5
4
4.5
5
5.5
6
TSD12C-Q1
TSD15C-Q1/18C-Q1
TSD24C-Q1
TSD36C-Q1
Figure 5-6. Capacitance vs Bias Voltage
www.ti.com
TSD12C-Q1, TSD15C-Q1, TSD18C-Q1, TSD24C-Q1, TSD36C-Q1
SLVSHX0 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TSD12C-Q1 TSD15C-Q1 TSD18C-Q1 TSD24C-Q1 TSD36C-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com