Electronic Components Datasheet Search
  English  ▼

X  

IR3081AM Datasheet(PDF) 39 Page - International Rectifier

Part # IR3081AM
Description  XPHASETM VR 10 CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3081AM Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3081AM Datasheet HTML 31Page - International Rectifier IR3081AM Datasheet HTML 32Page - International Rectifier IR3081AM Datasheet HTML 33Page - International Rectifier IR3081AM Datasheet HTML 34Page - International Rectifier IR3081AM Datasheet HTML 35Page - International Rectifier IR3081AM Datasheet HTML 36Page - International Rectifier IR3081AM Datasheet HTML 37Page - International Rectifier IR3081AM Datasheet HTML 38Page - International Rectifier IR3081AM Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
IR3081A
PACKAGE INFORMATION
28L MLPQ (5 x 5 mm Body) – θJA = 30
oC/W, θ
JC = 3
oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
www.irf.com
Page 39 of 39
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com