Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7821
Description  IRU3146 EVALUATION BOARD USER GUIDE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7821 Datasheet(HTML) 1 Page - International Rectifier

  IRF7821 Datasheet HTML 1Page - International Rectifier IRF7821 Datasheet HTML 2Page - International Rectifier IRF7821 Datasheet HTML 3Page - International Rectifier IRF7821 Datasheet HTML 4Page - International Rectifier IRF7821 Datasheet HTML 5Page - International Rectifier IRF7821 Datasheet HTML 6Page - International Rectifier IRF7821 Datasheet HTML 7Page - International Rectifier IRF7821 Datasheet HTML 8Page - International Rectifier IRF7821 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IRDC3146EVAL
1
Rev.1.0
7/28/04
www.irf.com
SPECIFICATION DATA
INTRODUCTION
IRU3146 EVALUATION BOARD USER GUIDE
INPUT/OUTPUT CONNECTIONS
2-Phase
VIN = 12V
VOUT1 = 1.8V
IOUT1 = 35A
DVOUT = 50mV
FS = 300KHz
The following is the input/output connections:
Inputs:
JP1: Vin and Gnd
JU4: VCC and Gnd
JU5: VCL/VCH1/VCH2
Outputs:
JP2: Vout1 for Dual output
JP5: Vout2 for Dual output
JP4: Vout for 2-phase application
The connection points for dual output application are
shown in Figure 1. Connect the power supply cables
according to this figure, minimizing wire lengths to re-
duce losses in the wire. Test points J1, J2, J3 and J4
provide easy connection for oscilloscope voltage probe
to monitor the inductor points for each PWM section
and output voltages.
The IRU3146 IC is a Dual synchronous Buck controller,
providing a cost-effective, high performance and flexible
solution. The IRU3146 can be configured as a 2-inde-
pendent or as a 2-phase controller. The 2-phase configu-
ration is ideal for high current applications. The IRU3146
features 180
8 out of phase operation which reduces the
required input/output capacitance and results in a fewer
number of capacitors needed. Other key features offered
by this device include two independent programmable
soft starts, programmable switching frequency up to
400KHz per phase, Hiccup current limit and an under
voltage lockout function. The current limit is provided by
sensing the lower MOSFET's on-resistance for optimum
cost and performance.
This reference board is designed to demonstrate all
the features of IRU3146 and can be configured to two
types of applications:
1) Dual outputs application (Independent Outputs)
2) 2-phase application (Single Output)
This user guide contains the schematic and bill of
materials for each of these applications, and the
design guidelines are described in data sheet.
The MOSFETs sockets on the evaluation board are
dual layout for SOIC-8 and Direct FET footprint.
Dual Outputs
VIN = 12V
VOUT1 = 2.5V
IOUT1 = 10A
VOUT2 = 1.8V
IOUT1 = 10A
DVOUT = 50mV
FS = 300KHz
Scope Probe connections:
J1 and J3: Inductor point for L2 and L3
J2 and J4: Outputs for Vout1 and Vout2


Similar Part No. - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
logo
Texas Instruments
IRF7821 TI-IRF7821 Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
IRF7821 RICHTEK-IRF7821 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
logo
Guangdong Youtai Semico...
IRF7821 UMW-IRF7821 Datasheet
499Kb / 9P
30V N-Channel MOSFET
More results

Similar Description - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
logo
Analog Devices
UG-272 AD-UG-272 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
IRU3046 EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com