Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 13 Page - International Rectifier

Part # IRF7821
Description  IRU3146 EVALUATION BOARD USER GUIDE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7821 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRF7821 Datasheet HTML 7Page - International Rectifier IRF7821 Datasheet HTML 8Page - International Rectifier IRF7821 Datasheet HTML 9Page - International Rectifier IRF7821 Datasheet HTML 10Page - International Rectifier IRF7821 Datasheet HTML 11Page - International Rectifier IRF7821 Datasheet HTML 12Page - International Rectifier IRF7821 Datasheet HTML 13Page - International Rectifier IRF7821 Datasheet HTML 14Page - International Rectifier IRF7821 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IRDC3146EVAL
13
Rev.1.0
7/28/04
www.irf.com
Figure 12- Load Transient Response
Step Load for 2.5V (0-10A)
Step Load for 1.8V (0-7A)
IRF7821/8113_12V_1.8V_2.5V_0_15A
Room Temp
50
55
60
65
70
75
80
85
90
95
0
2
4
6
8
10
12
14
16
Iout
1.8V out
2.5V out
Figure 13- Efficiency for 2.5V and 1.8V outputs at room temperature no air flow.
L2=L3=2.17uH @ 17A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com