Electronic Components Datasheet Search
  English  ▼

X  

B02130P7 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # B02130P7
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

B02130P7 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  B02130P7 Datasheet HTML 1Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 2Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 3Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 4Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 5Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 6Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 7Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rugged and Sealed
(IP68) Plugs and Receptacles
The SPEC Pak® Mid Power is rugged and environmentally sealed (IP68). It leverages APP’s core Powerpole® flat wiping
contact technology, offering power handling capabilities up to 80 amps at 600 volts with signal.
The SPEC Pak® Mid Power shells are highly configurable. They accept up to four Powerpole® 75 (PP75) contacts and
housings. They also accept up to 8 pin and socket auxiliary contacts providing the user signal and/or sequencing op-
tions. Assembly is made easy though the use of colored Powerpole® housings which can be matched to wire colors.
They will accept wire sizes ranging from 12 to 6 AWG [3.3 to 13.3 mm²]. SPEC Pak® Mid Power is highly configurable
providing users with a multitude of flexible design solutions in a single interconnect.
1 - Chemical & UV Resistant Ruggedized Shells
• Wire to Wire Configurations
• Wire to Panel Configurations
2 - Auxiliary Contacts for Signal and/or
Sequencing (up to 8)
3 - Power Contacts (up to 4)
4 - Sealing Gland to Ensures (IP68)
Environmental Seal
5 - Color Coded Powerpole® Housings to
Match Wire Colors
6 - Stainless Steel Latches to Prevent
Accidental Unmating
7 - IP68 Panel Mount Receptacle Gasket
8 - Sealing O-Ring Ensures (IP68)
Environmental Seal
1
2
4
5
3
8
7
6
Top of the
latch is not
visible from
this view.
Auxiliary contacts
are not visible in
the cut-a-way view.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com