Electronic Components Datasheet Search
  English  ▼

X  

B02130P7 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # B02130P7
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

B02130P7 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

  B02130P7 Datasheet HTML 1Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 2Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 3Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 4Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 5Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 6Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 7Page - Anderson Power Products, Inc. B02130P7 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mechanical
IP Rating
IP68
Operating Temperature
(UL 1977)
-40° to 105° C
-40° to 221° F
Thread Type
Integrated into inline
receptacle & plug shells
Torque Requirements
Hand tighten. Using a 44 mm
wrench or strap wrench, tighten an
additional 3/4 - 1 turn.
Material
Shell
PBT/PC
Sealing Grommet
EPDM
Flammability (UL 94)
V0
Weatherability (UL 764C)
F1
Color
Black
| WIRE PROTECTION - CABLE GLAND |
NOTE:
Mounting Hardware (4 each M4 or #8 screws) not included.
Recommended torque for mounting hardware is 7-10 in-lbs.
Part Number & Description
SK2-076C04
- Panel mount receptacle shell
- Powerpole® holder - receptacle
- Panel mount receptacle gasket
- Powerpole® holder retaining
screws M3.5 x 15mm
Component Replacement Parts
Part
Number
Description
115129P1
Panel Mount Receptacle Gasket
H1120P53 Powerpole holder retaining screws M3.5 x 15mm
PANEL MOUNT
RECEPTACLE KIT
INLINE
RECEPTACLE KIT
Part Number & Description
SK9-076
Receptacle Cover Kit
- Cover (IP68) with lanyard
SK9P-076
Plug Cover Kit
- Cover (IP68) with lanyard
Plug Cover with
Interfacial seal
Receptacle Cover
Ordering Information
PLUG
SHELL KIT
COVER
KIT
Panel
Gasket
Panel Receptacle Shell
Receptacle
Powerpole®
Holder
Holder
Retaining
Screws
Inline
Receptacle
Shell
Receptacle
Powerpole®
Holder
Holder
Retaining
Screws
Sealing
Nut
Part Number & Description
SK6-076C04
- Plug shell
- Powerpole® holder - plug
- Powerpole® holder retaining
screws M3.5 x 15mm
- Sealing Gland Nut
(Sealing grommet sold separately)
Part Number & Description
SK1-076C04
- Inline receptacle shell
- Powerpole® holder - receptacle
- Powerpole® holder retaining
screws M3.5 x 15mm
- Sealing Gland Nut
(Sealing grommet sold separately)
Plug Shell
Housing
with Latches
Plug
Powerpole®
Holder
Holder
Retaining
Screws
Sealing Nut
Straight Plastic Single & Multi Hole Cable Gland
For use with
SK1-076C04 &
SK6-076C04
For use with shell kit compo-
nents purchased in bulk.
Sealing Glands
Number
Cable Range Wire
Wrench Size
Protection
Sealing Grommet Only
(includes sealing grommet & wire protection nut)
of Holes
Outer Diameter mm (in)
Sealing Nut
Designation
-------------------------------- Part Numbers ------------------------------------------------------
Minimum Quantity
................................................................................................................
10
10 ................................................................
1
18.0 - 24.0 mm (0.79” - 0.85”)
44
PS
01
B02130P7
PS1T40-24X
2
3.8 - 5.0mm (0.15” - 0.20”)
44
PM
21
B02130P12
PS2T40-5X
2
6.0 - 7.2mm (0.24” - 0.28”)
44
PM
22
B02130P11
PS2T40-7X
2
7.0 - 9.0mm (0.28” - 0.35”)
44
PM
23
B02130P10
PS2T40-9X
3
6.0 - 7.2mm (0.24” - 0.28”)
44
PM
32
B02130P5
PS3T40-7X
3
7.0 - 9.0mm (0.28” - 0.35”)
44
PM
33
B02130P4
PS3T40-9X
4
3.8 - 5.0mm (0.15” - 0.20”)
44
PM
41
B02130P3
PS4T40-5X
4
6.0 - 7.2mm (0.24” - 0.28”)
44
PM
42
B02130P2
PS4T40-7X
4
7.0 - 9.0mm (0.28” - 0.35”)
44
PM
43
B02130P1
PS4T40-9X
Wire Protection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com