Electronic Components Datasheet Search
  English  ▼

X  

945G2 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 945G2
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

945G2 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  945G2 Datasheet HTML 1Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 2Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IEC INFORMATION
PROTECTION
Touch Safety Main Connector Housing
IEC 60950
SBE® 160 Only
Pass
IEC 60529
SBE® 160 and SBX® 175 IP20 unmated
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SBE® 160
Unmated
6.1 mm
IIIa
Mated
11.6 mm
ATTRIBUTES
SBE® 160
AMP Rating AC/DC
160 Amp
Voltage Rating AC/DC (Steady State)
600 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
160 Amp / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
FINGER Safety - Mated / Unmated
IEC 60529 - IP20
Wire Size Tested
50 mm²
Contact Series Tested
6384G1
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test -11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches-
dropped 8 times
Temperature Range
-20 °C to 105 °C
-4 °F to 221 °F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com