Electronic Components Datasheet Search
  English  ▼

X  

945G2 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # 945G2
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

945G2 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

  945G2 Datasheet HTML 1Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 2Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 945G2 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
A
B
Use cable ties to secure
auxiliary contact leads to
one of the main cables.
4803G3
4802G3
Pin & Socket Contacts for PPMX Auxiliary Connector
Gold plated contacts are ideal for signal or low power use with durability
up to 5,000 mating cycles.
Description
AWG
mm²
Part Numbers
Minimum Quantity
2,000
50
Pin Contacts
24 to 20 0.50 to 0.25
4803G3-BK
4803G3
Socket Contacts
24 to 20 0.50 to 0.25
4802G3-BK
4802G3
SBE® Air Tubes
Air tubes fit into SBE® housings to allow electrolyte circulation
while charging the battery. Genderless tube design allows the
same part to be used on both sides. (2) Retaining pins or
(2) Spirol pins are required to hold the air tube in place
both are included in Air Tube Kit.
Description
Part Numbers
Minimum Quantity
500
25
Air Tube Kit, Black
-
6396G1
Air Tube Only
3-5798P1 -
Retaining Clip
Retaining clips can be used in place of two retaining pins to
hold auxiliary connectors or air tubes. Allows easier removal
of auxiliary modules.
Description
Part Number
Minimum Quantity
100
For SBE® 160 & SBX® 175
2-8675P2
Retaining Pins
Retaining pins are used to hold accessories in the auxiliary port in SBE®, SBO®, & SBX® housings.
Dimension “B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
Part Numbers
inches
mm
inches mm
Minimum Quantity
1,000
100
For SBE® 160 & SBX® 175
110G9-BK 110G9
0.093 / 0.099
2.36 / 2.51
0.85
21.59
Zip Cable Straps
Zip cable straps are used to secure auxiliary wires to the side of the main power cables.
Description
Part Number
Minimum Quantity
1,000
White
H1835P3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com