Electronic Components Datasheet Search
  English  ▼

X  

B02130P3 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # B02130P3
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

B02130P3 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  B02130P3 Datasheet HTML 1Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 2Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 3Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 4Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 5Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 6Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 7Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications
SPEC Pak® Shell
Powerpole® Power
Auxiliary Contacts [1]
Contacts & Housings
(PowerMod® Series)
.............................................. SPEC Pak® Shells Used With ............................................
Electrical
Current Rating (Amperes)
UL 1977
-
80 [2]
5
CSA (30° C Rise)
-
50 [2]
5
Voltage Rating
UL 1977 (AC/DC)
-
600
600
Dielectric Withstanding (AC)
-
3,000
-
Contact Resistance Milliohms (average)
-
0.200 [3]
2.000 [4]
Hot Plug Amp Rating (UL 1977)
250 Cycles at 120V
-
50 [5]
Mechanical
Environmental Seal
IP rating
IP68
-
-
Submersion (UL 50E)
Pass
-
-
Wire Size
-
12 to 6 AWG
24 to 12 AWG
-
3.3 to 13.3 mm²
0.50 to 2.5 mm²
Operating Temperature
-40° to 105° C
-20° to 105° C
-40° to 105° C
-40° to 221° F
-4° to 221° F
-40° to 221° F
Mating Cycles (no load)
Silver Plated Contacts
-
1,500
-
Gold Plated Contacts
-
-
1,500
Contact Retention Force
-
> 50 lbf / 222 N
-
Insertion Force
-
28 lbf
Touch Safe (IEC 60529)
-
IP10
-
Drop Test (UL50E)
Pass
-
-
Panel Break Off (EIA 394-97)
Pass
-
-
Crush Test (EIA 364-40B)
Pass
-
-
Materials
Shell / Housing
PC/PBT
PC
PC/PBT
Powerpole® Holder
PC/PBT
-
-
Latch
Stainless Steel
-
-
Flammability (UL 94)
V0
V0
V0
Weatherability (UL 764C)
F1
F1
F1
Contacts
Base
-
Copper Alloy
Copper Alloy
Plating
-
Silver
Gold over Nickel
NOTES:
1. Integral signal holders that holds up to 8 pins and 8 sockets.
2. Based on 6 AWG.
3. Based on 6 AWG 1-1/4” distance between probes.
4. Based on 20 AWG.
5. Hot Plug testing completed using individual Powerpole® housings and contacts, not installed in SPEC Pak® shells.
For other industry tests and/or agency approvals, contact customer service.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com