Electronic Components Datasheet Search
  English  ▼

X  

B02130P3 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # B02130P3
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

B02130P3 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  B02130P3 Datasheet HTML 1Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 2Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 3Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 4Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 5Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 6Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 7Page - Anderson Power Products, Inc. B02130P3 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Step 2 - (see page 6)
0 = Custom Configuration
70 = 1307 Contact for #6 AWG (13.3 mm²)
71 = Please inquire for #8 AWG (8.4 mm²)
72 = 5953 Contact for #10/12 AWG (3.3 to 5.3 mm²)
00 = None
01 - 99 = Various Gland Types
Step 3 - (see page 7)
Step 4 - (see page 7)
Custom
.................... Wire Protection .................... .. Housing Arrangement .. ........... Contacts ........... .... APP Content ....
Number of Holes Cable Sealing Range
(Select Two)
Dash
(Select One)
(Select One) Dash
00 = None
-
0 = Custom Configuration
- Contact the factory
PS = Plastic Single-hole
A = AC Single Phase
Custom Configuration
PM = Plastic Multi-hole
B = AC 3 Phase, 3 Wire
C = DC Circuit, 4 Wire
Z = All Black
NOTE: Panel Mount Receptacle is always “00 00”.
Power Contact
List Component Part Numbers Here:
Pin Auxiliary Contact
Socket Auxiliary Contact
Step 4: Select Contacts
* Define:
Number of Circuits Wire Gauge
Contacts
- Power
_____________
__________
- Auxiliary _____________
__________
- Other
_____________
__________
Amps (continuous): ____ Max amps at ____ volts
* Select power and/or auxiliary contacts appropriate
for your wire size (AWG or mm²), from page 7.
Step 3: Select Housing Arrangement
* Define:
Number of
Number of
Wires
Auxiliaries
Housing Arrangement
- AC Single Phase
___________ ____________
- AC 3 Phase
___________ ____________
- DC
___________ ____________
- Other
___________ ____________
* Select housing arrangement colors appropriate for
your AC or DC application, from page 7.
__________ __________
-
__________
__________
__________ __________
-
__________
__________
(See Page 6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com