Electronic Components Datasheet Search
  English  ▼

X  

1382 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 1382
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1382 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  1382 Datasheet HTML 1Page - Anderson Power Products, Inc. 1382 Datasheet HTML 2Page - Anderson Power Products, Inc. 1382 Datasheet HTML 3Page - Anderson Power Products, Inc. 1382 Datasheet HTML 4Page - Anderson Power Products, Inc. 1382 Datasheet HTML 5Page - Anderson Power Products, Inc. 1382 Datasheet HTML 6Page - Anderson Power Products, Inc. 1382 Datasheet HTML 7Page - Anderson Power Products, Inc. 1382 Datasheet HTML 8Page - Anderson Power Products, Inc. 1382 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
- 2 - | www.andersonpower.com
Rugged and Sealed
(IP68) Plugs and Receptacles
The SPEC Pak® High Power uses rugged and environmentally sealed (IP68) shells to protect APP® Powerpole® contacts
and housings. Customer configured SPEC Pak® High Power Connectors are capable of up to 260 amps and may be used
anywhere a rugged and/or waterproof high power, signal and ground interconnect solution is required.
The SPEC Pak® High Power shell accepts 75 to 180 amp Powerpole® contacts and up to 8 auxiliary contacts. The wide
range of Powerpole® housing colors and contact sizes, coupled with the available Powerpole® insert holders, offers the user
a wide array of design options. Wire sizes which can accommodate a range from 24 to 3/0 AWG (0.25 to 85.0 mm²). SPEC
Pak® High Power is highly configurable with thousands of design options in a single interconnect.
For Use with APP® Powerpole® Signal, Power & Ground Contacts & Housings
1 - Chemical & UV Resistant Ruggedized Shells
• Wire to Wire Configurations
• Wire to Panel Configurations
2 - Stainless Steel Latches (securing plug to receptacle)
3 - IP68 Interfacial Sealing O-Ring
4 - Auxiliary Contacts (up to 8)
5 - Powerpole® Insert Holders (user configurable)
• H02 Arrangement - up to two PP180 & 8 Auxiliaries
• H03 Arrangement - up to three PP120 & 8 Auxiliaries
• H06 Arrangement - up to six PP75 & 8 Auxiliaries
6 - Power Contacts (up to 260 amps with 3/0 AWG)
7- Color Coded Powerpole® Housings
Match Wire Colors
8 - Industry Standard Sealing (IP68) Components
• PG Gland Compatible - Size 36 & 42
• Multi Hole Glands For Use With Discrete Wires
• Single Hole Glands For Use With Jacketed Cable
Powerpole® Insert Arrangement
5
H02
H03
H06
1
2
4
5
3
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com