Electronic Components Datasheet Search
  English  ▼

X  

1382 Datasheet(PDF) 10 Page - Anderson Power Products, Inc.

Part # 1382
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1382 Datasheet(HTML) 10 Page - Anderson Power Products, Inc.

Back Button 1382 Datasheet HTML 4Page - Anderson Power Products, Inc. 1382 Datasheet HTML 5Page - Anderson Power Products, Inc. 1382 Datasheet HTML 6Page - Anderson Power Products, Inc. 1382 Datasheet HTML 7Page - Anderson Power Products, Inc. 1382 Datasheet HTML 8Page - Anderson Power Products, Inc. 1382 Datasheet HTML 9Page - Anderson Power Products, Inc. 1382 Datasheet HTML 10Page - Anderson Power Products, Inc. 1382 Datasheet HTML 11Page - Anderson Power Products, Inc. 1382 Datasheet HTML 12Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
- 10 - | www.andersonpower.com
H06 Housing Arrangement
Configured with up to 6 PP75 Contacts - Up to 75 Amps - Standard & Custom Configuration Options
| HOUSING ARRANGEMENTS |
| POWERPOLE® INSERT HOLDER |
Custom Configuration
B
0
E
5916G4
5916G5
5916G6
E
AC 3 Phase, 3 Wire
AC 3 Phase, 4 Wire
AC3 Phase, 5 Wire
DC 2 Circuit, 6 Wire
5916G7
E
5916G4
5916
5916G7
5916G6
5916G5
E
5916G4 5916G5
5916G6
5916
5916G7
5916
5916G7 5916G7 5916G7
5916G4
5916G4
5916G4
F
G
H06
| POWERPOLE® CONTACTS & HOUSINGS FOR H06 INSERT ARRANGEMENT |
PP75 Standard Housings
Description
------- Part Numbers --------
Minimum Quantity ... 1,000
100 .....
Red
5916G7-BK
5916G7
Green
5916G6-BK
5916G6
Black
5916G4-BK
5916G4
White
5916G5-BK
5916G5
Blue
5916-BK
5916
PP75 Contacts
Mating
Loose Piece
Contact Code
AWG
mm²
Force
-- Part Numbers --
Designation
Minimum Quantity ........................ 1,000
100
......................
6
13.3
High
5900-BK 5900
11
8
8.4
High
5952-BK 5952
12
12 to 10
3.3 to 5.3 High
5915-BK 5915
13
NOTE:
1. E = Empty
2. For custom configuration, contact the factory.
3. Arrangement represents front view of the receptacle.
Auxiliary Contacts (PowerMod® series)
Contact Code
Type
AWG
mm²
----------------- Part Number ----------------
Designation
Minimum Quantity…..................
500
50
..... ....................
Standard Length 7.7mm
Pin
24 to 20
0.50 to 0.75
PM16P2024S30 PM16P2024S30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620S30 PM16P1620S30-50
-
Pin
16 to 14
1.00 to 1.5
PM16P1416S30 PM16P1416S30-50
-
Pin
12
2.50
PM16P12S30
PM16P12S30-50
14 thru 16
Pre-Mate 9.3mm
Pin
24 to 20
0.50 to 0.75
PM16P2024A30 PM16P2024A30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620A30 PM16P1620A30-50
-
Pin
16 to 14
1.00 to 1.5
PM16P1416A30 PM16P1416A30-50
-
Pin
12
2.50
PM16P12A30
PM16P12A30-50
-
Post-Mate 6.4mm
Pin
24 to 20
0.50 to 0.75
PM16P2024C30 PM16P2024C30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620C30 PM16P1620C30-50
-
Pin
16 to 14
1.00 to 1.5
PM16P1416C30 PM16P1416C30-50
-
Pin
12
2.50
PM16P12C30
PM16P12C30-50
-
---------------------------------------------------------------------------------------------------------
Socket 24 to 20
0.25 to 0.50
PM16S2024S32 PM16S2024S32-50
-
Socket 20 to 16
0.50 to 1.30
PM16S1620S32 PM16S1620S32-50
-
Socket 16 to 14
1.30 to 2.10
PM16S1416S32 PM16S1416S32-50
-
Socket 12
2.5
PM16S12S32
PM16S12S32-50
14 thru 16
NOTE:
1. Contact code designation #14 to 16 uses 4 each of PM16P12S30 (pins) & 4 each of part number PM16S12S32 (sockets) as signal.
2. See Powerpole® & Multipole Power Connectors Catalog for additional contacts and/or housings options.
3. Application tooling information is available on page 11.
Z
5916G4
5916G4
All Black
5916G4
5916G4
5916G4
5916G4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com