Electronic Components Datasheet Search
  English  ▼

X  

1383 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # 1383
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1383 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  1383 Datasheet HTML 1Page - Anderson Power Products, Inc. 1383 Datasheet HTML 2Page - Anderson Power Products, Inc. 1383 Datasheet HTML 3Page - Anderson Power Products, Inc. 1383 Datasheet HTML 4Page - Anderson Power Products, Inc. 1383 Datasheet HTML 5Page - Anderson Power Products, Inc. 1383 Datasheet HTML 6Page - Anderson Power Products, Inc. 1383 Datasheet HTML 7Page - Anderson Power Products, Inc. 1383 Datasheet HTML 8Page - Anderson Power Products, Inc. 1383 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
- 5 -
www.andersonpower.com |
Step 3: Select Housing Arrangement
* Define:
Number of
Number of
Wires
Auxiliaries
Housing Arrangement
- AC
___________
____________
- DC
___________
____________
- Other
___________
____________
* Select housing arrangement colors appropriate for your AC
or DC application, from page 8, 9 or 10.
Step 4: Select Contacts
* Define:
Number of Wire Gauge
Wire Gauge
Contacts
- Power
____________________
_______________
- Auxiliary
____________________
_______________
- Other
____________________
_______________
Amps (continuous): ____ Max amps at ____ volts
* Select power and/or auxiliary contacts appropriate for your wire
size (AWG or mm²), from page 8, 9 or 10.
Step 2 - Wire Protection
Step 3 - Select Housing
Arrangement (Style)
Step 4 - Select Contacts
Custom
00 = None
PS = Plastic Single Hole
PM = Plastic Multi Hole
00 = None
“01 to 99 = Various Gland Types
From Page 7
.................... Wire Protection .................... .. Housing Arrangement .. ........... Contacts ........... .... APP Content ....
Number of Holes Cable Sealing Range
(Select Two)
Dash
(Select One)
(Select One) Dash
-
-
Contact the factory
Custom Configuration
Insert
Arrangement
0 = Custom Configuration
-
A = AC Single Phase
H03
B = AC 3 Phase, 3 Wire
H06
E = AC 3 Phase, 4 wire
H06
F = AC 3 phase, 5 wire
H06
G = DC 2 Circuit, 6 wire
H06
R = DC 1 Circuit, 2 Wire
H02, H03
Z = All Black
H02, H03, H06
Contact
Wire Size
Insert
Code Contact
AWG (mm²) Arrangement
80
=
1328G2 3/0
85.0
H02
81
=
1328G1 2/0
67.4
H02
82
=
1382
1/0
53.5
H02
83
=
1347
#1
42.4
H02
84
=
1383
#2
33.6
H02
85
=
1384
#4
21.2
H02
86
=
1348
#6
13.3
H02
With Auxiliary [1]
87
=
1328G2 3/0
85.0
H02
88
=
1328G1 2/0
67.4
H02
89
=
1382
1/0
53.5
H02
90
=
1347
#1
42.4
H02
91
=
1383
#2
33.6
H02
92
=
1384
#4
21.2
H02
93
=
1348
#6
13.3
H02
Contact
Wire Size
Insert
Code
Contact AWG (mm²) Arrangement
20 = 1323G2 1/0
53.5
H03
21 = 1323G1 #1
42.4
H03
22 = 1319
#2
33.6
H03
23 = 1319G4 #4
21.2
H03
24 = 1319G6 #6
13.3
H03
With Auxiliary [1]
25 = 1323G2 1/0
53.5
H03
26 = 1323G1 #1
42.4
H03
27 = 1319
#2
33.6
H03
28 = 1319G4 #4
21.2
H03
29 = 1319G6 #6
13.3
H03
Contact
Wire Size
Code
Contact AWG
(mm²)
Insert
00 =
Custom Configuration
Arrangement
11 =
5900
#6
13.3
H06
12 =
5952
#8
8.4
H06
13 =
5915
#10/12
5.3/3.3
H06
With Auxiliary [1]
14 =
5900
#6
13.3
H06
15 =
5952
#8
8.4
H06
16 =
5915
#10/12
5.3/3.3
H06
List Component Part Numbers Here:
NOTE:
[1] Contact code designation #25 to 29 uses 4 each of PM16P12S30 (pins) & 4 each of part number PM16S12S32 (sockets) as signal.
Power Contact
Pin Auxiliary Contact
Socket Auxiliary Contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com